Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF44 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # SF44
Description  per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SF44 Datasheet(HTML) 6 Page - Leshan Radio Company

  SF44 Datasheet HTML 1Page - Leshan Radio Company SF44 Datasheet HTML 2Page - Leshan Radio Company SF44 Datasheet HTML 3Page - Leshan Radio Company SF44 Datasheet HTML 4Page - Leshan Radio Company SF44 Datasheet HTML 5Page - Leshan Radio Company SF44 Datasheet HTML 6Page - Leshan Radio Company SF44 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
标题:
4 编带规格 brede spec
26/tape
35/tape
40/tape
42/tape
52/tape
52/tape#
W
26 0.0/+1.6 35 -1.0/+0.5 40 -1.0/+0.5 42 -1.0/+1.0 52 -1.0/+2.0 52 -1.0/+2.0
P
5±0.55±0.55±0.55±0.5
5±0.5
10±0.5
L1-L2
1.0
1.0
1.0
1.0
1.0
1.0
H
6±1.06±1.06±1.06±1.0
6±1.0
6±1.0
Z
1.0
1.0
1.0
1.0
1.0
1.0
R
1.0
1.0
1.0
1.0
1.0
1.0
T
3.5
3.5
3.5
3.5
3.5
3.5
注: 52编带# 为DO-201AD编带规格 "52编带#" just for D0-201AD
1. 红白编带厚度为0.05mm;两种胶带各自之间无明显色差;编带要求均为胶带。
The typing thickness is 0.05mm and color is obvious difference
2. 两端引带20~40cm. Typing lead over 20~40cm
3. 红色编带一端为二极管“负极”;白色编带一端为二极管“正极”。
red color is cathode ,white color is anode
4. 无卤 green epoxy compound(无卤产品才贴HF only)
尺寸代号
编带尺寸 typing dimension
第 3 页
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
Green


Similar Part No. - SF44

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF44 MOSPEC-SF44 Datasheet
127Kb / 2P
   POWER RECTIFIERS(4.0A,50-400V)
logo
GOOD-ARK Electronics
SF44 GOOD-ARK-SF44 Datasheet
173Kb / 2P
   Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
logo
Rectron Semiconductor
SF44 RECTRON-SF44 Datasheet
41Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE 200 Volts CURRENT 4.0 Amperes
logo
HY ELECTRONIC CORP.
SF44 HY-SF44 Datasheet
412Kb / 3P
   Super Fast Recovery Recitifiers
logo
Vanlong Technology Co.,...
SF446A VANLONG-SF446A Datasheet
143Kb / 2P
   446.00 MHz SAW Filter
More results

Similar Description - SF44

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SF31 LRC-SF31_14 Datasheet
204Kb / 7P
   per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
logo
Rugao Dachang Electroni...
MUR405 DACHANG-MUR405 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
logo
Leshan Radio Company
LUR460 LRC-LUR460 Datasheet
186Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
SF41G LRC-SF41G Datasheet
193Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
SF61 LRC-SF61 Datasheet
205Kb / 7P
   Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
SF51 LRC-SF51 Datasheet
232Kb / 7P
   Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
SF21 LRC-SF21_14 Datasheet
325Kb / 7P
   Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
1N4937S LRC-1N4937S Datasheet
238Kb / 8P
   Fast Switching Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF11 LRC-SF11_14 Datasheet
223Kb / 7P
   Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
logo
Cystech Electonics Corp...
MUR460SB CYSTEKEC-MUR460SB Datasheet
418Kb / 6P
   Ultra-fast Plastic Rectifiers Reverse Voltage 600V Forward Current 4A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com