Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF34 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # SF34
Description  per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SF34 Datasheet(HTML) 1 Page - Leshan Radio Company

  SF34 Datasheet HTML 1Page - Leshan Radio Company SF34 Datasheet HTML 2Page - Leshan Radio Company SF34 Datasheet HTML 3Page - Leshan Radio Company SF34 Datasheet HTML 4Page - Leshan Radio Company SF34 Datasheet HTML 5Page - Leshan Radio Company SF34 Datasheet HTML 6Page - Leshan Radio Company SF34 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Diffused junction
* Capable of meeting environmental standards
of MIL-S-19500
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* High temperature soldering guaranteed:
260
°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-201AD, molded plastic
Terminals: Plated axial leads, solderable per
We declare that the material of product
MIL-STD-750, Method 2026
compliance with ROHS requirements
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.038 oz., 1.03 g
Handling precautin:None
1.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SF31
SF32
SF33
SF34
SF35
SF36
SF38
Unit
device marking code
SF31
SF32
SF33
SF34
SF35
SF36
SF38
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
600V
Maximum RSM voltage
VRSM
35
70
105
140
210
280
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
600
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
A
Maximum DC blocking voltage temperature
TA
°C
Typical thermal resistance (Note 2)
R
θJA
°C/W
Operating junction temperature range
TJ
°C
Storage temperature range
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SF31
SF32
SF33
SF34
SF35
SF36
SF38
Unit
Maximum instantaneous forward voltage at 3.0A
VF
1.7
V
Maximum DC reverse current TA = 25
°C
at rated DC blocking voltage TA = 100
°C
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375
” (9.5mm) lead length, P.C.B. mounted
30
–50 to +150
–50 to +150
10
200
35
50
0.95
1.25
3.0
150
150
20
SF31 thru SF38
per Fast Plastic Rectifiers
Reverse Voltage 50 to 600V Forward Current 3.0A


Similar Part No. - SF34

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF34 MOSPEC-SF34 Datasheet
131Kb / 2P
   POWER RECTIFIERS(3.0A,50-400V)
logo
SAMYANG ELECTRONICS CO....
SF34 SAMYANG-SF34 Datasheet
1Mb / 2P
   SUPER FAST RECTIFIERS
logo
EIC discrete Semiconduc...
SF34 EIC-SF34 Datasheet
40Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
Leshan Radio Company
SF34 LRC-SF34 Datasheet
59Kb / 2P
   SUPER FAST DIODES
logo
Rugao Dachang Electroni...
SF34 DACHANG-SF34 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
More results

Similar Description - SF34

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SF41 LRC-SF41 Datasheet
206Kb / 7P
   per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
logo
Rugao Dachang Electroni...
MUR305 DACHANG-MUR305 Datasheet
172Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF31 DACHANG-SF31 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
RGP30A DACHANG-RGP30A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
logo
Leshan Radio Company
SF31G LRC-SF31G Datasheet
75Kb / 3P
   Glass Passivated Junction Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
logo
Rugao Dachang Electroni...
ER300 DACHANG-ER300 Datasheet
121Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 3.0A
logo
Leshan Radio Company
SF61 LRC-SF61 Datasheet
205Kb / 7P
   Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
SF51 LRC-SF51 Datasheet
232Kb / 7P
   Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
LUMB305 LRC-LUMB305 Datasheet
183Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
logo
List of Unclassifed Man...
MUR340 ETC-MUR340 Datasheet
170Kb / 2P
   Plastic High-Efficiency Rectifiers (Reverse Voltage 400 to 600V Forward Current 3.0A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com