Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2681N Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2681N
Description  Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2681N Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA2681N Datasheet HTML 6Page - Burr-Brown (TI) OPA2681N Datasheet HTML 7Page - Burr-Brown (TI) OPA2681N Datasheet HTML 8Page - Burr-Brown (TI) OPA2681N Datasheet HTML 9Page - Burr-Brown (TI) OPA2681N Datasheet HTML 10Page - Burr-Brown (TI) OPA2681N Datasheet HTML 11Page - Burr-Brown (TI) OPA2681N Datasheet HTML 12Page - Burr-Brown (TI) OPA2681N Datasheet HTML 13Page - Burr-Brown (TI) OPA2681N Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
®
OPA2681
TYPICAL PERFORMANCE CURVES: VS = +5V (CONT)
G = +2, RF = 499Ω, RL = 100Ω to +2.5V, unless otherwise noted (see Figure 2).
–40
–50
–60
–70
–80
2ND HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
20
V
O = 2Vp-p
R
L = 100Ω to 2.5V
G = +2, R
F = 499Ω
G = +10, R
F = 200Ω
G = +5, R
F = 360Ω
3RD HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
20
–40
–50
–60
–70
–80
V
O = 2Vp-p
R
L = 100Ω to 2.5V
G = +10, R
F = 200Ω
G = +5, R
F = 360Ω
G = +2, R
F = 499Ω
3RD HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
20
–50
–60
–70
–80
–90
V
O = 2Vp-p
G = +2
R
L = 100Ω
R
L = 500Ω
R
L = 200Ω
Loads to 2.5V
–45
–50
–55
–60
–65
–70
–75
–80
–85
Single-Tone Load Power (dBm)
–14
–12
–10
–8
–6
–4
–2
0
2
TWO-TONE, 3RD ORDER SPURIOUS LEVEL
50MHz
dBc = dB Below Carrier
Load Power at Matched 50
Ω Load
20MHz
10MHz
10
1
0.1
0.01
CLOSED-LOOP OUTPUT IMPEDANCE
Frequency (Hz)
10k
100M
100k
1M
10M
402
+5
1/2
OPA2681
–5
402
50
Z
O
2ND HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
20
–50
–60
–70
–80
–90
V
O = 2Vp-p
G = +2
Loads to 2.5V
R
L = 500Ω
R
L = 200Ω
R
L = 100Ω


Similar Part No. - OPA2681N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2681N TI1-OPA2681N Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA2681N-1 TI1-OPA2681N-1 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA2681N-1/2K5 TI1-OPA2681N-1/2K5 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA2681N-12 TI1-OPA2681N-12 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA2681N/2K5 TI1-OPA2681N/2K5 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2681N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2691ID TI-OPA2691ID Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA2695 TI-OPA2695 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695 TI-OPA695 Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com