Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2677 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2677
Description  Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2677 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA2677 Datasheet HTML 4Page - Burr-Brown (TI) OPA2677 Datasheet HTML 5Page - Burr-Brown (TI) OPA2677 Datasheet HTML 6Page - Burr-Brown (TI) OPA2677 Datasheet HTML 7Page - Burr-Brown (TI) OPA2677 Datasheet HTML 8Page - Burr-Brown (TI) OPA2677 Datasheet HTML 9Page - Burr-Brown (TI) OPA2677 Datasheet HTML 10Page - Burr-Brown (TI) OPA2677 Datasheet HTML 11Page - Burr-Brown (TI) OPA2677 Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
®
OPA2677
NON-INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0
50
100
150
200
250
6
3
0
–3
–6
–9
–12
–15
–18
See Figure 2.
G = +1
R
F = 536Ω
G = +2
R
F = 511Ω
G = +4
R
F = 453Ω
G = +8
R
F = 332Ω
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0
50
100
150
200
250
6
3
0
–3
–6
–9
–12
–15
–18
G = –8
R
F = 332Ω
G = –4
R
F = 453Ω
G = –2
R
F = 511Ω
G = –1
R
F = 536Ω
400
300
200
100
0
–100
–200
–300
–400
SMALL-SIGNAL PULSE RESPONSE
Time (5ns/div)
V
O = 500mVp-p
See Figure 2.
TYPICAL PERFORMANCE CURVES: VS = +5V
At TA = +25°C, G = +4, RF = 453Ω, and RL = 100Ω to VS/2, unless otherwise noted. See Figure 2.
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
LARGE-SIGNAL PULSE RESPONSE
Time (5ns/div)
V
O = 2Vp-p
See Figure 2.
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
1000
50
45
40
35
30
25
20
15
10
5
0
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (Hz)
1M
2
0
–2
–4
–6
–8
–10
10M
100M
1G
C
L = 10pF
C
L = 22pF
C
L = 47pF
453
150
5k
5k
1k
1k
Ω Load Optional.
1/2
OPA2677
VI
+5V
0.1
µF
VO
RS
CL
0.1
µF
C
L = 100pF


Similar Part No. - OPA2677

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2677 TI-OPA2677 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2677 TI-OPA2677 Datasheet
509Kb / 33P
[Old version datasheet]   350 mA, 짹12 V ADSL CPE LINE DRIVERS
OPA2677 TI-OPA2677 Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677 TI1-OPA2677 Datasheet
1Mb / 23P
[Old version datasheet]   175mA,12V ADSL CPE LINE DRIVERS
More results

Similar Description - OPA2677

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2674 TI-OPA2674 Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH4101 NSC-LH4101 Datasheet
151Kb / 5P
   WIDEBAND HIGH CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com