Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4244EA Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA4244EA
Description  MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4244EA Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button OPA4244EA Datasheet HTML 3Page - Burr-Brown (TI) OPA4244EA Datasheet HTML 4Page - Burr-Brown (TI) OPA4244EA Datasheet HTML 5Page - Burr-Brown (TI) OPA4244EA Datasheet HTML 6Page - Burr-Brown (TI) OPA4244EA Datasheet HTML 7Page - Burr-Brown (TI) OPA4244EA Datasheet HTML 8Page - Burr-Brown (TI) OPA4244EA Datasheet HTML 9Page - Burr-Brown (TI) OPA4244EA Datasheet HTML 10Page - Burr-Brown (TI) OPA4244EA Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
OPA244, 2244, 4244
®
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = 25°C, VS = +15V, and RL = 20kΩ connected to Ground, unless otherwise noted.
10
µs/div
OPA4244
50
µs/div
OPA4244
LARGE-SIGNAL STEP RESPONSE, G = 1, CL = 100pF
SMALL-SIGNAL STEP RESPONSE, G = 1, CL = 100pF
OPA244
OPA2244
OPA244
OPA2244
25
µs/div
10
µs/div
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (
µV)
12
10
8
6
4
2
0
OPA2244
OPA244
Offset Voltage (
µV)
30
25
20
15
10
5
0
OPA4244


Similar Part No. - OPA4244EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4244EA/250 TI1-OPA4244EA/250 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA4244EA/250E4 TI1-OPA4244EA/250E4 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA4244EA/2K5 TI1-OPA4244EA/2K5 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA4244EA250 NSC-OPA4244EA250 Datasheet
1Mb / 26P
   MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
OPA4244EA250E4 NSC-OPA4244EA250E4 Datasheet
1Mb / 26P
   MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
More results

Similar Description - OPA4244EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237 Datasheet
217Kb / 10P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA237 TI-OPA237 Datasheet
176Kb / 12P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com