Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4241PA Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA4241PA
Description  Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4241PA Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA4241PA Datasheet HTML 1Page - Burr-Brown (TI) OPA4241PA Datasheet HTML 2Page - Burr-Brown (TI) OPA4241PA Datasheet HTML 3Page - Burr-Brown (TI) OPA4241PA Datasheet HTML 4Page - Burr-Brown (TI) OPA4241PA Datasheet HTML 5Page - Burr-Brown (TI) OPA4241PA Datasheet HTML 6Page - Burr-Brown (TI) OPA4241PA Datasheet HTML 7Page - Burr-Brown (TI) OPA4241PA Datasheet HTML 8Page - Burr-Brown (TI) OPA4241PA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
®
OPA241, 2241, 4241
OPA251, 2251, 4251
OPA241UA, PA
OPA251UA, PA
OPA2241UA, PA
OPA2251UA, PA
OPA4241UA, PA
OPA4251UA, PA
PARAMETER
CONDITION
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
±50
±250
±100
µV
TA = –40°C to +85°C
±100
±400
±130
µV
vs Temperature
dVOS/dT
TA = –40°C to +85°C
±0.4
±0.6
µV/°C
vs Power Supply
PSRR
VS = 2.7V to 36V
3
30
TT
µV/V
TA = –40°C to +85°C
VS = 2.7V to 36V
30
T
µV/V
Channel Separation (dual, quad)
0.3
T
µV/V
INPUT BIAS CURRENT
Input Bias Current(2)
IB
–4
–20
T
nA
TA = –40°C to +85°C
–25
nA
Input Offset Current
IOS
±0.1
±2
T
nA
TA = –40°C to +85°C
±2
nA
NOISE
Input Voltage Noise, f = 0.1Hz to 10Hz
1
T
µVp-p
Input Voltage Noise Density, f = 1kHz
en
45
T
nV/
√Hz
Current Noise Density, f = 1kHz
in
40
T
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
–0.2
(V+) –0.8
V
Common-Mode Rejection Ratio
CMRR
VCM = –0.2V to (V+) –0.8V
80
106
T
dB
TA = –40°C to +85°C
VCM = 0V to (V+) –0.8V
80
dB
INPUT IMPEDANCE
Differential
107 || 2
T
Ω || pF
Common-Mode
109 || 4
T
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
RL = 100kΩ, VO = (V–)+100mV to (V+)–100mV
100
120
T
dB
TA = –40°C to +85°C
RL = 100kΩ, VO = (V–)+100mV to (V+)–100mV
100
dB
RL = 10kΩ, VO = (V–)+200mV to (V+)–200mV
100
120
T
dB
TA = –40°C to +85°C
RL = 10kΩ, VO = (V–)+200mV to (V+)–200mV
100
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
35
T
kHz
Slew Rate
SR
VS = 5V, G = 1
0.01
T
V/
µs
Overload Recovery Time
VIN • G = VS
60
T
µs
OUTPUT
Voltage Output Swing from Rail(3)
VO
RL = 100kΩ to VS/2, AOL ≥ 70dB
50
T
mV
RL = 100kΩ to VS/2, AOL ≥ 100dB
75
100
T
mV
TA = –40°C to +85°C
RL = 100kΩ to VS/2, AOL ≥ 100dB
100
mV
RL = 10kΩ to VS/2, AOL ≥ 100dB
100
200
T
mV
TA = –40°C to +85°C
RL = 10kΩ to VS/2, AOL ≥ 100dB
200
mV
Short-Circuit Current
ISC
Single Versions
–24/+4
T
mA
Dual, Quad Versions
–30/+4
T
mA
Capacitive Load Drive
CLOAD
See Typical Curve
T
POWER SUPPLY
Specified Voltage Range
VS
+2.7 to +5
T
V
Operating Voltage Range
TA = –40°C to +85°C
+2.7
+36
TT
V
Quiescent Current (per amplifier)
IQ
IO = 0
±25
±30
T
µA
TA = –40°C to +85°C
IO = 0
±36
µA
TEMPERATURE RANGE
Specified Range
–40
+85
TT
°C
Operating Range
–55
+125
TT
°C
Storage Range
–55
+125
TT
°C
Thermal Resistance
θ
JA
8-Pin DIP
100
T
°C/W
SO-8 Surface Mount
150
T
°C/W
14-Pin DIP
80
T
°C/W
SO-14 Surface Mount
100
T
°C/W
T Specifications the same as OPA241UA, PA.
NOTES: (1) VS = +5V. (2) The negative sign indicates input bias current flows out of the input terminals. (3) Output voltage swings are measured between the
output and power supply rails.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
SPECIFICATIONS: VS = 2.7V to 5V
At TA = +25°C, RL = 100kΩ connected to VS/2, unless otherwise noted.
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C.


Similar Part No. - OPA4241PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4241PA BURR-BROWN-OPA4241PA Datasheet
217Kb / 12P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4241PA TI-OPA4241PA Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA4241PA NSC-OPA4241PA Datasheet
1,005Kb / 21P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4241PA TI1-OPA4241PA Datasheet
1Mb / 23P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA4241PAG4 TI-OPA4241PAG4 Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4241PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA2241PAG4 TI-OPA2241PAG4 Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA251 BURR-BROWN-OPA251 Datasheet
217Kb / 12P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA251 NSC-OPA251 Datasheet
1,005Kb / 21P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2251UA-2K5G4 TI-OPA2251UA-2K5G4 Datasheet
1,004Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA241 TI1-OPA241 Datasheet
1Mb / 23P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com