Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

OPA2662 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPA2662
Description  Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

OPA2662 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
OPA2662
6
TYPICAL PERFORMANCE CURVES (CONT)
At VCC = ±5V, RQ = 750Ω, and TA = +25°C, unless otherwise specified.
TOTAL QUIESCENT CURRENT vs R
Q
R
Q - Resistor Value (Ω)
70
60
50
40
30
20
10
0
10
100
1k
10k
Typical
QUIESCENT CURRENT CHANGE vs TEMPERATURE
Temperature (°C)
24
22
20
18
16
14
12
10
–60
–40
–20
0
20
40
80
60
100
OTA TRANSFER CHARACTERISTICS vs R
E
Input Voltage (V)
–0.95
0
0.95
120
80
40
0
–40
–80
–120
R
E = 25Ω
R
E = 33Ω
R
E = 50Ω
R
C = 10Ω
V
IN = 1.9Vp-p
R
E = 100Ω
I
C/IE TRANSFER CURVE
OTA E-Output Current (mA)
–25
100
75
50
25
0
–25
–50
–75
–100
–20 –15 –10
–5
0
5
10
15
20
25
30
R
E = 33Ω, RC = 11Ω
TRANSCONDUCTANCE vs V
IN vs IQ
Input Voltage (mV)
700
600
500
400
300
200
100
0
–200
–150
–100
–50
0
50
100
150
200
I
Q = 17mA
I
Q = 65mA
I
Q = 34mA
I
Q = 8mA
OTA TRANSFER CHARACTERISTICS
vs TOTAL QUIESCENT CURRENT
Input Voltage (mV)
–200
–100
0
100
200
I
Q = ±65mA
I
Q = ±17mA
I
Q = ±8mA
I
Q = ±34mA
100
80
60
40
20
0
–20
–40
–60
–80
–100
R
E = 0Ω


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn