Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

OPA2662 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPA2662
Description  Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

OPA2662 Datasheet(HTML) 4 Page - Burr-Brown (TI)

 
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
OPA2662
4
ELECTRICAL (Full Temperature Range –40
°C to +85°C)
At VCC = ±5VDC, RQ = 750Ω, TA = TMIN to TMAX, unless otherwise noted, and configured as noted under “CONDITIONS”.
OTA INPUT OFFSET VOLTAGE
RE = 50kΩ, RC = 40Ω
Initial
12
±36
mV
Matching
2
±7.2
mV
OTA INPUT BIAS CURRENT
RE = 100Ω, RC = 40Ω
Initial
–1.9
1
5.9
µA
Matching
–1.2
0.2
1.2
µA
OTA TRANSCONDUCTANCE
Transconductance
IC = 75mA, RE = 0
580
610
mA/V
OTA C-RATED OUTPUT
Output Voltage Compliance
IC = ±5mA, RE = 100Ω, RC = 16Ω±3.2
V
POWER SUPPLY
Positive Quiescent Current for both OTAs(4)
RQ = 750Ω, RE = 50kΩ, RC = 1kΩ,
+8
+17
+25
mA
Both Channels Selected
OPA2662AP, AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SPECIFICATIONS (CONT)
PIN CONFIGURATION
Power Supply Voltage ........................................................................
±6V
Input Voltage(1) ..................................................................
±V
CC to ±0.7V
Operating Temperature ................................................... –40
°C to +85°C
Storage Temperature ..................................................... –40
°C to +125°C
Junction Temperature .................................................................... +175
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
Digital Input Voltages (EN1, EN2) ............................... –0.5 to +VCC +0.7V
ABSOLUTE MAXIMUM RATINGS
NOTE: (1) Inputs are internally diode-clamped to
±V
CC
.
Top View
SOL-16/DIP
PACKAGE
DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER(1)
RANGE
OPA2662AP
16-Pin Plastic DIP
180
–40
°C to +85°C
OPA2662AU
SOL-16 Surface Mount
211
–40
°C to +85°C
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
Any integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. ESD can cause damage ranging from
subtle performance degradation to complete device failure.
Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause
the device not to meet published specifications.
Burr-Brown’s standard ESD test method consists of five
1000V positive and negative discharges (100pF in series with
1.5k
Ω) applied to each pin.
+V
CC
B
1
EN1
GND
I
Q Adjust
EN2
B
2
–V
CC
+V
CCOUT
E
1
C
1
NC
NC
C
2
E
2
–V
CCOUT
OTA1
OPA2662
OTA2
Logic
PTAT
Supply
Logic
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn