Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

OPA2662 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPA2662
Description  Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

OPA2662 Datasheet(HTML) 3 Page - Burr-Brown (TI)

 
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
OPA2662
SPECIFICATIONS (CONT)
ELECTRICAL
AC-SPECIFICATION
Typical at VCC = ±5VDC, RQ = 750Ω, IC = ±37.5mA (VIN = 2.5Vpp, RE = 100Ω), IC = ±75mA (VIN = 2.5Vpp, RE = 50Ω), RSOURCE = 50Ω, and TA = +25°C, unless
otherwise noted.
OPA2662AP, AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FREQUENCY DOMAIN
LARGE SIGNAL BANDWIDTH
IC = ±37.5mA
RE = 100Ω, RC = 50Ω
150
MHz
IC = ±75mA
RE = 100Ω, RC = 25Ω
200
MHz
IC = ±37.5mA (Optimized)
RE = 100Ω, RC = 50Ω, CE = 5.6pF
370
MHz
IC = ±75mA (Optimized)
RE = 100Ω, RC = 25Ω, CE = 5.6pF
250
MHz
GROUP DELAY TIME
RE = 100Ω, RC = 50Ω
Measured Input to Output
B to E
1.2
ns
(Demo Board Used)
B to C
2.5
ns
HARMONIC DISTORTION
Second Harmonic
f = 10MHz, IC = ±37.5mA
–31
dBc
Third Harmonic
–37
dBc
Second Harmonic
f = 10MHz, IC = ±75mA
–33
dBc
Third Harmonic
–32
dBc
Second Harmonic
f = 30MHz, IC = ±37.5mA
–29
dBc
Third Harmonic
–32
dBc
Second Harmonic
f = 30MHz, IC = ±75mA
–30
dBc
Third Harmonic
–25
dBc
Second Harmonic
f = 50MHz, IC = ±37.5mA
–31
dBc
Third Harmonic
–30
dBc
Second Harmonic
f = 50MHz, IC = ±75mA
–28
dBc
Third Harmonic
–23
dBc
CROSSTALK
Typical Curve Number 3
IC = ±37.5mA, f = 30MHz
–51
dB
IC = ±75mA, f = 30MHz
–56
dB
FEEDTHROUGH
Off Isolation
RE = 100Ω, f = 30MHz
–90
dB
RE = 50Ω, f = 30MHz
–90
dB
TIME DOMAIN
Rise Time
10% to 90%
75mA Step IC
2ns
150mA Step IC
2.6
ns
Slew Rate
IC = 75mA
37.5
mA/ns
IC = 150mA
58
mA/ns
CHANNEL SELECTION
ENABLE INPUTS
Logic 1 Voltage
2VCC + 0.6
V
Logic 0 Voltage
0
0.8
V
Logic 1 Current
VSEL = 2.0V to 5V
0.8
1.1
10
µA
Logic 0 Current
VSEL = 0V to 0.8V
–1
0.05
µA
SWITCHING CHARACTERISTICS
IC = 150mAp-p, f = 5MHz
EN to Channel ON Time
90% Point of VO = 1Vp-p
30
ns
EN to Channel OFF Time
10% Point of VO = 1Vp-p
200
ns
Switching Transient, Positive
(Measured While Switching
30
mV
Switching Transient, Negative
Between the Grounded Channels)
–80
mV
OPA2662AP, AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn