Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2658 Datasheet(PDF) 12 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2658
Description  Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2658 Datasheet(HTML) 12 Page - Burr-Brown (TI)

Back Button OPA2658 Datasheet HTML 5Page - Burr-Brown (TI) OPA2658 Datasheet HTML 6Page - Burr-Brown (TI) OPA2658 Datasheet HTML 7Page - Burr-Brown (TI) OPA2658 Datasheet HTML 8Page - Burr-Brown (TI) OPA2658 Datasheet HTML 9Page - Burr-Brown (TI) OPA2658 Datasheet HTML 10Page - Burr-Brown (TI) OPA2658 Datasheet HTML 11Page - Burr-Brown (TI) OPA2658 Datasheet HTML 12Page - Burr-Brown (TI) OPA2658 Datasheet HTML 13Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
®
OPA2658
DIFFERENTIAL GAIN AND PHASE
Differential Gain (dG) and Differential Phase (dP) are among
the more important specifications for video applications. dG
is defined as the percent change in closed-loop gain over a
specified change in output voltage level. dP is defined as the
change in degrees of the closed-loop phase over the same
output voltage change. Both dG and dP are specified at the
NTSC sub-carrier frequency of 3.58MHz and the PAL sub-
carrier of 4.43MHz. All NTSC measurements were per-
formed using a Tektronix model VM700A Video Measure-
ment Set.
dG/dP of the OPA2658 were measured with the amplifier in
a gain of +2V/V with 75
Ω input impedance and the output
back-terminated in 75
Ω. The input signal selected from the
generator was a 0V to 1.4V modulated ramp with sync pulse.
With these conditions the test circuit shown in Figure 9
delivered a 100IRE modulated ramp to the 75
Ω input of the
video analyzer. The signal averaging feature of the analyzer
was used to establish a reference against which the perfor-
mance of the amplifier was measured. Signal averaging was
also used to measure the dg and dp of the test signal in order
to eliminate the generator’s contribution to measured ampli-
fier performance. Typical performance of the OPA2658 is
0.025% differential gain and 0.02
° differential phase to both
NTSC and PAL standards.
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
1M
10M
100M
1G
Frequency (MHz)
G = +2
FIGURE 8. Channel-to-Channel Crosstalk.
FIGURE 9. Configuration for Testing Differential Gain/Phase.
SPICE MODELS
Computer simulation using SPICE is often useful when
analyzing the performance of analog circuits and systems.
This is particularly true for Video and RF amplifier circuits
where parasitic capacitance and inductance can have a major
effect on circuit performance. SPICE models are available
on a disk from the Burr-Brown Applications Department.
DEMONSTRATION BOARDS
Demonstration boards are available for each OPA2658 pack-
age style. These boards implement a very low parasitic
layout that will produce the excellent frequency and pulse
responses shown in the Typical Performance Curves. For
each package style, the recommended demonstration board
is:
DEMONSTRATION BOARD
PACKAGE
PRODUCT
DEM-OPA265xP
8-Pin DIP
OPA2658P
DEM-OPA265xU
SO-8
OPA2658U
OPA2658UB
DEM-OPA26xxE
MSOP-8
OPA2658E
75
75
402
402
75
75
TEK TSG 130A
TEK VM700A
OPA2658
Contact your local Burr-Brown sales office or distributor to
order demonstration boards.
TYPICAL APPLICATION
FIGURE 10. Low Distortion Video Amplifier.
OPA2658
V
OUT
402
402
Video
Input
75
75
75
Ω Transmission Line
75
1/2


Similar Part No. - OPA2658

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2658E TI1-OPA2658E Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2658E/250 TI1-OPA2658E/250 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2658E/2K5 TI1-OPA2658E/2K5 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2658P TI1-OPA2658P Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2658

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA2691 TI1-OPA2691 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com