Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA2658 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPA2658
Description  Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

OPA2658 Datasheet(HTML) 1 Page - Burr-Brown (TI)

 
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
OPA2658
FEATURES
q UNITY GAIN STABLE BANDWIDTH:
800MHz
q LOW POWER: 50mW/Chan.
q LOW DIFFERENTIAL GAIN/PHASE
ERRORS: 0.01%/0.03
°
q HIGH SLEW RATE: 1700V/
µs
q PACKAGE: 8-Pin DIP, SO-8 and MSOP-8
Dual Wideband, Low Power, Current Feedback
OPERATIONAL AMPLIFIER
DESCRIPTION
The OPA2658 is a dual, ultra-wideband, low power
current feedback video operational amplifier featuring
high slew rate and low differential gain/phase error.
The current feedback design allows for superior large
signal bandwidth, even at high gains. The low differ-
ential gain/phase errors, wide bandwidth and low
quiescent current make the OPA2658 a perfect choice
for numerous video, imaging and communications
applications.
The OPA2658 is optimized for low gain operation,
and is also available in single, OPA658 and quad,
OPA4658 configurations.
OPA2658
APPLICATIONS
q MEDICAL IMAGING
q HIGH-RESOLUTION VIDEO
q HIGH-SPEED SIGNAL PROCESSING
q COMMUNICATIONS
q PULSE AMPLIFIERS
q ADC/DAC GAIN AMPLIFIER
q MONITOR PREAMPLIFIER
q CCD IMAGING AMPLIFIER
C
COMP
Current Mirror
+Input
–Input
V
OUT
I
BIAS
I
BIAS
+V
S
–V
S
Current Mirror
Buffer
NOTE: Diagram reflects only one-half of the OPA2658
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
© 1994 Burr-Brown Corporation
PDS-1269D
Printed in U.S.A. March, 1998
OPA2658
OPA2658


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn