Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA2658 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPA2658
Description  Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

OPA2658 Datasheet(HTML) 5 Page - Burr-Brown (TI)

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
®
OPA2658
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±5V, RL = 100Ω, RFB = 402Ω, unless otherwise noted.
106
105
104
103
102
101
1
0
–45
–90
–135
–180
–225
1k
10k
100k
1M
10M
100M
1G
OPEN-LOOP TRANSIMPEDANCE AND PHASE
vs FREQUENCY
Frequency (Hz)
Phase
Transimpedance
OPEN-LOOP GAIN AND PHASE vs FREQUENCY
Frequency (Hz)
60
40
20
0
–20
–40
–60
0
–45
–90
–135
–180
–225
1k
10k
100k
1M
10M
100M
1G
Gain
Phase
INVERTING INPUT BIAS CURRENT
vs TEMPERATURE
–50
–25
0
25
50
75
100
Temperature (°C)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
9
6
3
0
–3
–6
1M
10M
100M
1G
CLOSED-LOOP BANDWIDTH
Frequency (Hz)
DIP Bandwidth = 682MHz
SO-8 Bandwidth = 680MHz
G = +2
MSOP-8 Bandwidth = 351MHz
20
17
14
11
8
5
2
1M
10M
100M
1G
CLOSED-LOOP BANDWIDTH
Frequency (Hz)
MSOP-8/SO-8/DIP Bandwidth= 372MHz
G = +5
6
3
0
–3
–6
–9
1M
10M
100M
1G
CLOSED-LOOP BANDWIDTH
Frequency (Hz)
SO-8 Bandwidth = 881MHz, R
FB = 402Ω
G = +1
DIP Bandwidth = 949MHz, R
FB = 560Ω
MSOP-8 Bandwidth = 600MHz, R
FB = 560Ω


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn