Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2634U Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2634U
Description  Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2634U Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button OPA2634U Datasheet HTML 7Page - Burr-Brown (TI) OPA2634U Datasheet HTML 8Page - Burr-Brown (TI) OPA2634U Datasheet HTML 9Page - Burr-Brown (TI) OPA2634U Datasheet HTML 10Page - Burr-Brown (TI) OPA2634U Datasheet HTML 11Page - Burr-Brown (TI) OPA2634U Datasheet HTML 12Page - Burr-Brown (TI) OPA2634U Datasheet HTML 13Page - Burr-Brown (TI) OPA2634U Datasheet HTML 14Page - Burr-Brown (TI) OPA2634U Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
OPA2634
®
1/2
OPA2634
+V
S
V
OUT
V
IN
R
3
R
2
R
1
R
4
FIGURE 5. DC Level-Shifting Circuit.
FIGURE 6. Compensated Non-Inverting Amplifier.
frequency of 5MHz, and a –60dB stopband starting at
12MHz. This filter works well on +5V or
±5V supplies, and
with an A/D converter at 20MSPS (e.g., ADS900). VIN
needs to be a very low impedance source, such as an op amp.
The filter transfer function was designed using Burr-Brown’s
FilterPro 42 design program (available at www.burr-
brown.com in the Applications section) with a nominal
stopband attenuation of 60dB. Table I gives the results (H0
= DC gain, fP = pole frequency, QP = pole quality, and fZ =
zero frequency). Note that the parameters were generated at
f–3dB = 5Hz, and then scaled to f–3dB = 5MHz.
SECTION NO.
H0
fP
QP
fZ
1
1V/V
5.04MHz
1.77
12.6MHz
2
1V/V
5.31MHz
0.64
20.4MHz
3
1V/V
5.50MHz
TABLE I. Nominal Filter Parameters.
0
–10
–20
–30
–40
–50
–60
–70
–80
Frequency (MHz)
1
10
100
FIGURE 4. Nominal Filter Response.
Make sure that VIN and VOUT stay within the specified input
and output voltage ranges.
The front page circuit is a good example of this type of
application. It was designed to take VIN between 0V and
0.5V, and produce VOUT between 1V and 2V, when using a
+3V supply. This means G = 2.00, and
∆V
OUT = 1.50V – G
• 0.25V = 1.00V. Plugging into the above equations gives:
NG = 2.33, R1 = 375Ω, R2 = 2.25kΩ, and R3 = 563Ω. The
resistors were changed to the nearest standard values.
NON-INVERTING AMPLIFIER WITH
REDUCED PEAKING
Figure 6 shows a non-inverting amplifier that reduces peak-
ing at low gains. The resistor RC compensates the OPA2634
to have higher Noise Gain (NG), which reduces the AC
response peaking (typically 5dB at G = +1 without RC)
without changing the DC gain. VIN needs to be a low
impedance source, such as an op amp. The resistor values
are low to reduce noise. Using both RT and RF helps
minimize the impact of parasitic impedances.
The components were chosen to give this transfer function.
The 20
Ω resistors isolate the amplifier outputs from capacitive
loading, but affect the response at very high frequencies only.
Figure 4 shows the nominal response simulated by SPICE; it
is very close to the ideal response.
DC LEVEL-SHIFTING
Figure 5 shows a DC-coupled, non-inverting amplifier that
level-shifts the input up to accommodate the desired output
voltage range. Given the desired signal gain (G), and the
amount VOUT needs to be shifted up (∆VOUT) when VIN is at
the center of its range, the following equations give the
resistor values that produce the best DC offset:
NG = G +
∆V
OUT/VS
R1 = R4/G
R2 = R4/(NG – G)
R3 = R4/(NG –1)
where:
NG = 1 + R4/R3 (Noise Gain)
VOUT = (G)VIN + (NG – G)VS
1/2
OPA2634
V
OUT
V
IN
R
G
R
T
R
F
R
C


Similar Part No. - OPA2634U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2634U TI1-OPA2634U Datasheet
278Kb / 17P
[Old version datasheet]   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
OPA2634U/2K5 TI1-OPA2634U/2K5 Datasheet
278Kb / 17P
[Old version datasheet]   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2634U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2634 TI1-OPA2634 Datasheet
278Kb / 17P
[Old version datasheet]   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA2830 NSC-OPA2830 Datasheet
1Mb / 43P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2830 BURR-BROWN-OPA2830_08 Datasheet
1Mb / 41P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2830 TI1-OPA2830 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
OPA830 TI-OPA830 Datasheet
633Kb / 34P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830_1 Datasheet
682Kb / 35P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI1-OPA830 Datasheet
845Kb / 37P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA830 NSC-OPA830 Datasheet
845Kb / 37P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA830 BURR-BROWN-OPA830 Datasheet
460Kb / 31P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830-EP TI1-OPA830-EP Datasheet
725Kb / 36P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com