Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2634 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2634
Description  Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2634 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA2634 Datasheet HTML 1Page - Burr-Brown (TI) OPA2634 Datasheet HTML 2Page - Burr-Brown (TI) OPA2634 Datasheet HTML 3Page - Burr-Brown (TI) OPA2634 Datasheet HTML 4Page - Burr-Brown (TI) OPA2634 Datasheet HTML 5Page - Burr-Brown (TI) OPA2634 Datasheet HTML 6Page - Burr-Brown (TI) OPA2634 Datasheet HTML 7Page - Burr-Brown (TI) OPA2634 Datasheet HTML 8Page - Burr-Brown (TI) OPA2634 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
OPA2634
®
OPA2634U
TYP
GUARANTEED
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C70°C
+85
°C
UNITS
MAX LEVEL(1)
SPECIFICATIONS: VS = +3V
At TA = 25°C, G = +2 and RL = 150Ω to VS/2, unless otherwise noted (see Figure 2).
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no
responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice.
No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN product
for use in life support devices and/or systems.
AC PERFORMANCE (Figure 2)
Small-Signal Bandwidth
G = +2, VO ≤ 0.5Vp-p
110
77
65
58
MHz
min
B
G = +5, VO ≤ 0.5Vp-p
39
24
20
19
MHz
min
B
G = +10, VO ≤ 0.5Vp-p
16
12
10
8
MHz
min
B
Gain Bandwidth Product
G
≥ +10
150
100
85
80
MHz
min
B
Peaking at a Gain of +1
VO ≤ 0.5Vp-p
5
dB
typ
C
Slew Rate
1V Step
215
160
123
82
V/
µs
min
B
Rise Time
0.5V Step
2.8
4.3
4.5
6.3
ns
max
B
Fall Time
0.5V Step
3.0
4.4
4.6
6.0
ns
max
B
Settling Time to 0.1%
1V Step
14
30
32
38
ns
max
B
Spurious Free Dynamic Range
VO = 1Vp-p, f = 5MHz
65
56
52
47
dB
min
B
Input Voltage Noise
f > 1MHz
5.6
6.2
7.3
7.7
nV/
√Hz
max
B
Input Current Noise
f > 1MHz
2.8
3.7
4.2
4.4
pA/
√Hz
max
B
Channel-to-Channel Crosstalk
Input Referred, 5MHz
< –90
dB
typ
C
DC PERFORMANCE
Open-Loop Voltage Gain
RL = 150Ω
65
61
59
55
dB
min
A
Input Offset Voltage
±1.5
±4
±5
±6
mV
max
A
Average Offset Voltage Drift
46
µV/°C
max
B
Input Bias Current
VCM = 1.0V
25
42
55
60
µA
max
A
Input Offset Current
VCM = 1.0V
±0.6
±2
±2.3
±4
µA
max
A
Input Offset Current Drift
40
nA/
°C
max
B
INPUT
Least Positive Input Voltage
–0.25
–0.1
–0.05
–0.01
V
max
B
Most Positive Input Voltage
1.8
1.6
1.55
1.5
V
min
A
Common-Mode Rejection Ratio (CMRR)
Input Referred
75
67
64
61
dB
min
A
Input Impedance
Differential-Mode
10 || 2.1
k
Ω || p
typ
C
Common-Mode
400 || 1.2
k
Ω || p
typ
C
OUTPUT
Least Positive Output Voltage
RL = 1kΩ to 1.5V
0.03
0.06
0.07
0.08
V
max
A
RL = 150Ω to 1.5V
0.08
0.16
0.19
0.43
V
max
A
Most Positive Output Voltage
RL = 1kΩ to 1.5V
2.9
2.86
2.85
2.45
V
min
A
RL = 150Ω to 1.5V
2.8
2.7
2.67
2.2
V
min
A
Current Output, Sourcing
45
35
30
12
mA
min
A
Current Output, Sinking
65
30
27
10
mA
min
A
Short-Circuit Current (output shorted to either supply)
100
mA
typ
C
Closed-Loop Output Impedance
Figure 2, f < 100kHz
0.2
typ
C
POWER SUPPLY
Minimum Operating Voltage
2.7
2.7
2.7
V
min
A
Maximum Operating Voltage
10.5
10.5
10.5
V
max
A
Maximum Quiescent Current
VS = +3V, Each Channel
10.8
11.1
11.4
11.6
mA
max
A
Minimum Quiescent Current
VS = +3V, Each Channel
10.8
10.1
8.6
8.0
mA
min
A
Power Supply Rejection Ratio (PSRR)
Input Referred
50
48
45
44
dB
min
A
THERMAL CHARACTERISTICS
Specification: U
–40 to +85
———
°C
typ
C
Thermal Resistance
U
SO-8
125
°C/W
typ
C
NOTE: (1) Test Levels: (A) 100% tested at 25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation. (C)
Typical value only for information.


Similar Part No. - OPA2634

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2634 TI1-OPA2634 Datasheet
278Kb / 17P
[Old version datasheet]   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
OPA2634 TI1-OPA2634 Datasheet
284Kb / 18P
[Old version datasheet]   Dual, Low-Power, Single-Supply OPERATIONAL AMPLIFIER
OPA2634 TI1-OPA2634 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA2634U TI1-OPA2634U Datasheet
278Kb / 17P
[Old version datasheet]   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
OPA2634U/2K5 TI1-OPA2634U/2K5 Datasheet
278Kb / 17P
[Old version datasheet]   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2634

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2634 TI1-OPA2634 Datasheet
278Kb / 17P
[Old version datasheet]   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA2830 NSC-OPA2830 Datasheet
1Mb / 43P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2830 BURR-BROWN-OPA2830_08 Datasheet
1Mb / 41P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2830 TI1-OPA2830 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
OPA830 TI-OPA830 Datasheet
633Kb / 34P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830_1 Datasheet
682Kb / 35P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI1-OPA830 Datasheet
845Kb / 37P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA830 NSC-OPA830 Datasheet
845Kb / 37P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA830 BURR-BROWN-OPA830 Datasheet
460Kb / 31P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830-EP TI1-OPA830-EP Datasheet
725Kb / 36P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com