Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SODJ160A-SH Datasheet(PDF) 3 Page - Leshan Radio Company

Part # SODJ160A-SH
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SODJ160A-SH Datasheet(HTML) 3 Page - Leshan Radio Company

  SODJ160A-SH Datasheet HTML 1Page - Leshan Radio Company SODJ160A-SH Datasheet HTML 2Page - Leshan Radio Company SODJ160A-SH Datasheet HTML 3Page - Leshan Radio Company SODJ160A-SH Datasheet HTML 4Page - Leshan Radio Company SODJ160A-SH Datasheet HTML 5Page - Leshan Radio Company SODJ160A-SH Datasheet HTML 6Page - Leshan Radio Company SODJ160A-SH Datasheet HTML 7Page - Leshan Radio Company SODJ160A-SH Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2.Ratings and Characteristic Curves ( TA = 25
°C unless otherwise noted )
SODJ***(C)A-SH
Fig. 3-Pulse Waveform
50
100
150
0
t,Time,ms
0
1.0
2.0
3.0
tf=10μs
Peak Value
Ippm
Half Value
Ipp/2=td
TA=25℃
Test Waveform
tf=10μs td=1000μs
Fig. 1-Peak Pulse Power Rating Curve
Fig. 2-Power Derating Curve
Fig. 4-Typical Junction Capacitance
Unidirectional
Fig. 6-Maximum Non-Repetitive Peak
Forward Surge Current Uniderictional
0.1
1.0
10
100
1000
10000
td,Pulse Width,μsec
10000
1000
100
10
1.0
10
100
1000
V
(WM),Reverse Stand-off Voltage,Voltage
100
10
1
10
100
Number of Cycles At 60 Hz
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
meansured at
stand-off voltage
V
WM
TJ = TJ max
8.3ms Single Half Sine-wave
(JEDEC Method)
10/1000μs Waveform
as deffused by R.E.A
100
10
1.0
0.1
Non-Repetive
Pulse Waveform
Shown in Fig.3
TA=25°C
5.0~91A
100A~300A
Uni-Directional
Bi-Directional
Fig 5. –typical transient thermal
impedance
10
1.0
0.1
100
0.01
0.1
1.0
10
100
t,Pulse duration,sec


Similar Part No. - SODJ160A-SH

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SODJ160A SUNMATE-SODJ160A Datasheet
482Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results

Similar Description - SODJ160A-SH

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com