Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA234E Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA234E
Description  Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA234E Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button OPA234E Datasheet HTML 5Page - Burr-Brown (TI) OPA234E Datasheet HTML 6Page - Burr-Brown (TI) OPA234E Datasheet HTML 7Page - Burr-Brown (TI) OPA234E Datasheet HTML 8Page - Burr-Brown (TI) OPA234E Datasheet HTML 9Page - Burr-Brown (TI) OPA234E Datasheet HTML 10Page - Burr-Brown (TI) OPA234E Datasheet HTML 11Page - Burr-Brown (TI) OPA234E Datasheet HTML 12Page - Burr-Brown (TI) OPA234E Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
OPA234, OPA2234, OPA4234
9
SBOS055B
www.ti.com
QUIESCENT CURRENT AND SHORT-CIRCUIT CURRENT
vs TEMPERATURE
Temperature (
°C)
525
450
375
300
225
150
75
0
70
60
50
40
30
20
10
0
–75
–50
–25
0
25
50
75
100
125
±I
SC
±I
Q
V
S = +2.7V
V
S = +5V
V
S = +2.7V or +5V
V
S = ±15V
APPLICATIONS INFORMATION
The OPA234 series op amps are unity-gain stable and
suitable for a wide range of general-purpose applications.
Power-supply pins should be bypassed with 10nF ceramic
capacitors.
OPERATING VOLTAGE
The OPA234 series op amps operate from single (+2.7V to
+36V) or dual (
±1.35V to ±18V) supplies with excellent
performance. Specifications are production tested with +2.7V,
+5V, and
±15V supplies. Most behavior remains unchanged
throughout the full operating voltage range. Parameters
which vary significantly with operating voltage are shown in
the Typical Characterisitc curves.
OFFSET VOLTAGE TRIM
Offset voltage of the OPA234 series amplifiers is laser
trimmed and usually requires no user adjustment. The
OPA234 (single op amp version) provides offset voltage
trim connections on pins 1 and 5. Offset voltage can be
adjusted by connecting a potentiometer, as shown in Fig-
ure 1. This adjustment should be used only to null the offset
of the op amp, not to adjust system offset or offset pro-
duced by the signal source. Nulling offset could degrade
the offset drift behavior of the op amp. While it is not
possible to predict the exact change in drift, the effect is
usually small.
FIGURE 1. OPA234 Offset Voltage Trim Circuit.
V+
V–
100k
OPA234 single op amp only.
Use offset adjust pins only to null
offset voltage of op amp—see text.
Trim Range: ±4mV typ
(V–) = 0V for single supply operation.
OPA234
6
7
5
4
3
2
1
10nF
10nF
TYPICAL CHARACTERISTIC CURVES (Cont.)
At TA = +25°C and RL = 10kΩ, unless otherwise noted.
MAXIMUM OUTPUT VOLTAGE
vs FREQUENCY
100k
Frequency (Hz)
1k
10k
30
25
20
15
10
5
0
V
S = ±2.7V
V
S = +5V
Maximum output voltage
without slew-rate induced
distortion.
V
S = ±15V


Similar Part No. - OPA234E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA234E BURR-BROWN-OPA234E Datasheet
671Kb / 19P
   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA234E/250 TI1-OPA234E/250 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA234E/250G4 TI1-OPA234E/250G4 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA234E/2K5 TI1-OPA234E/2K5 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA234E/2K5E4 TI1-OPA234E/2K5E4 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA234E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA4234PA TI-OPA4234PA Datasheet
1Mb / 22P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA2234M TI1-OPA2234M Datasheet
964Kb / 19P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
671Kb / 19P
   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2234M TI-OPA2234M_15 Datasheet
928Kb / 20P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Analog Devices
OP747 AD-OP747_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com