Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA237NA Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA237NA
Description  SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA237NA Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA237NA Datasheet HTML 2Page - Burr-Brown (TI) OPA237NA Datasheet HTML 3Page - Burr-Brown (TI) OPA237NA Datasheet HTML 4Page - Burr-Brown (TI) OPA237NA Datasheet HTML 5Page - Burr-Brown (TI) OPA237NA Datasheet HTML 6Page - Burr-Brown (TI) OPA237NA Datasheet HTML 7Page - Burr-Brown (TI) OPA237NA Datasheet HTML 8Page - Burr-Brown (TI) OPA237NA Datasheet HTML 9Page - Burr-Brown (TI) OPA237NA Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
®
OPA237, 2237, 4237
70
60
50
40
30
20
10
0
10
100
1k
10k
Load Capacitance (pF)
SMALL-SIGNAL OVERSHOOT
vs LOAD CAPACITANCE
G = +1, V
S = +2.7V, +5V
G = +1, V
S = ±15V
G = –1, V
S = +2.7V, +5V
G = –1, V
S = ±15V
G = –2, V
S = +2.7V, +5V
G = –2, V
S = ±15V
G = –10, V
S = +2.7V,
+5V, ±15V
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C and RL = 10kΩ, unless otherwise noted.
LARGE-SIGNAL STEP RESPONSE
G = 1, CL = 100pF, VS = +5V
10
µs/div
SMALL-SIGNAL STEP RESPONSE
G = 1, CL = 100pF, VS = +5V
1
µs/div
SMALL-SIGNAL STEP RESPONSE
G = 1, CL = 220pF, VS = +5V
2
µs/div
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
V+
(V+) –0.5
(V+) –1
(V+) –1.5
(V+) –2
(V–) +2
(V–) +1.5
(V–) +1
(V–) +0.5
V–
012345
Output Current (mA)
+125°C
+25°C
–55°C
+125°C
+25°C
+125°C
–55°C
Sinking Current
Sourcing Current
SETTLING TIME vs GAIN
Gain (V/V)
100
10
1
–1
–10
–100
0.01%
0.1%
V
S = +2.7V,
1V Step
V
S = ±15V,
10V Step
V
S = +5V,
3V Step


Similar Part No. - OPA237NA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA237NA TI-OPA237NA Datasheet
176Kb / 12P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA237NA BURR-BROWN-OPA237NA Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Texas Instruments
OPA237NA/250 TI-OPA237NA/250 Datasheet
176Kb / 12P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA237NA/250 TI1-OPA237NA/250 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA237NA/250E4 TI1-OPA237NA/250E4 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results

Similar Description - OPA237NA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA237 TI-OPA237 Datasheet
176Kb / 12P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA337 BURR-BROWN-OPA337 Datasheet
179Kb / 9P
   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com