Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2111KP Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2111KP
Description  Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2111KP Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA2111KP Datasheet HTML 5Page - Burr-Brown (TI) OPA2111KP Datasheet HTML 6Page - Burr-Brown (TI) OPA2111KP Datasheet HTML 7Page - Burr-Brown (TI) OPA2111KP Datasheet HTML 8Page - Burr-Brown (TI) OPA2111KP Datasheet HTML 9Page - Burr-Brown (TI) OPA2111KP Datasheet HTML 10Page - Burr-Brown (TI) OPA2111KP Datasheet HTML 11Page - Burr-Brown (TI) OPA2111KP Datasheet HTML 12Page - Burr-Brown (TI) OPA2111KP Datasheet HTML 13Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
®
OPA2111
10
1/2 OPA2111
2
3
1
Output
Pin Photodiode
UDT Pin-040A
4
8
+15V
–15V
0.1µF
5 x 10
8V/W
0.1µF
1000M
<1pF to prevent gain peaking
Guard
1000M
0.01µF
Circuit must be well shielded.
FIGURE 6. Sensitive Photodiode Amplifier.
FIGURE 8. RIAA Equalized Stereo Preamplifier.
1/2 OPA2111
2
3
1
Output
73.2
0.01µF
R
T
C
T
L
Input
365
10.5k
Ω 0.03µF
Right
100k
0.01µF
365k
1µF
1/2 OPA2111
6
5
7
Output
73.2
0.01µF
R
T
C
T
R
Input
365
10.5k
Ω 0.03µF
Left
100k
0.01µF
365
1µF
G = 26dB Midband
FIGURE 7. High Impedance 60Hz Reject Filter with Gain.
Out
100
10k
1
2
3
7
5
6
1/2 OPA2111BM
1/2 OPA2111BM
2k
Q
500pF
5.34M
(1)
500pF
5.34M
(1)
2.67M
(1)
1000pF
In
NOTE: (1) For 50Hz use 3.16M
Ω and 6.37Ω.
Gain = 101


Similar Part No. - OPA2111KP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2111KP TI1-OPA2111KP Datasheet
198Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA2111KPG4 TI1-OPA2111KPG4 Datasheet
198Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2111KP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
logo
Analog Devices
OP270GPZ AD-OP270GPZ Datasheet
425Kb / 20P
   Dual Very Low Noise Precision Operational Amplifier
Rev. E
OP270 AD-OP270_17 Datasheet
383Kb / 21P
   Dual Very Low Noise Precision Operational Amplifier
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com