Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS165D Datasheet(PDF) 6 Page - Motorola, Inc

Part # SN74LS165D
Description  BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS165D Datasheet(HTML) 6 Page - Motorola, Inc

  SN74LS165D Datasheet HTML 1Page - Motorola, Inc SN74LS165D Datasheet HTML 2Page - Motorola, Inc SN74LS165D Datasheet HTML 3Page - Motorola, Inc SN74LS165D Datasheet HTML 4Page - Motorola, Inc SN74LS165D Datasheet HTML 5Page - Motorola, Inc SN74LS165D Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5-283
FAST AND LS TTL DATA
SN54/74LS160A
• SN54/74LS161A
SN54/74LS162A
• SN54/74LS163A
Figure 3
The positive TC pulse occurs when the outputs are in the
(Q0 • Q1 • Q2 • Q3) state for the LS160 and LS162 and the
(Q0 • Q1 • Q2 • Q3) state for the LS161 and LS163.
OTHER CONDITIONS: CP = PE = CEP = MR = H
1.3 V
tPHL
tPLH
1.3 V
1.3 V
1.3 V
CET
TC
AC WAVEFORMS (continued)
The positive TC pulse is coincident with the output state
(Q0 • Q1 • Q2 • Q3) state for the LS161 and LS163 and
(Q0 • Q1 • Q2 • Q3) for the LS161 and LS163.
Figure 4
OTHER CONDITIONS: PE = CEP = CET = MR = H
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
tPLH
tPHL
CP
TC
The shaded areas indicate when the input is permitted to
change for predictable output performance.
Figure 5
1.3 V
1.3 V
OTHER CONDITIONS: PE = L, MR = H
CP
1.3 V
1.3 V
1.3 V
ts(H)
ts(L)
th(H) = 0
th(L) = 0
Q0 • Q1 • Q2 • Q3
P0 • P1 • P2 • P3
OTHER CONDITIONS: PE = H, MR = H
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
ts(H)
ts(L)
th(H) = 0
th(L) = 0
ts(H)
th(H) = 0
ts(L)
th(L) = 0
COUNT
HOLD
HOLD
CEP
CP
CET
Q
CP
SR or PE
Q RESPONSE TO PE
RESET
COUNT OR LOAD
Q RESPONSE TO SR
PARALLEL LOAD
(See Fig. 5)
COUNT MODE
(See Fig. 7)
ts(L)
ts(H)
th (L) = 0
th(H) = 0
1.3 V
1.3 V
Figure 6
COUNT ENABLE TRICKLE INPUT
TO TERMINAL COUNT OUTPUT DELAYS
CLOCK TO TERMINAL COUNT DELAYS
SETUP TIME (ts) AND HOLD TIME (th)
FOR PARALLEL DATA INPUTS
SETUP TIME (ts) AND HOLD TIME (th) FOR
COUNT ENABLE (CEP) AND (CET) AND
PARALLEL ENABLE (PE) INPUTS
Figure 7
The shaded areas indicate when the input is permitted to
change for predictable output performance.
1.3 V


Similar Part No. - SN74LS165D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN74LS165D MOTOROLA-SN74LS165D Datasheet
207Kb / 6P
   8-BIT PARALLEL-TO-SERIAL SHIFT REGISTER
logo
ON Semiconductor
SN74LS165D ONSEMI-SN74LS165D Datasheet
131Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results

Similar Description - SN74LS165D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
ON Semiconductor
SN54-74LS160A ONSEMI-SN54-74LS160A Datasheet
79Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
SN74LS161A ONSEMI-SN74LS161A Datasheet
205Kb / 8P
   BCD Decade Counters 4?묪it Binary Counters
July, 2006 ??Rev. 2
logo
Motorola, Inc
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
Texas Instruments
SN54290 TI1-SN54290_09 Datasheet
527Kb / 10P
[Old version datasheet]   DECADE AND 4-BIT BINARY COUNTERS
SN54290 TI-SN54290 Datasheet
297Kb / 8P
[Old version datasheet]   DECADE AND 4-BIT BINARY COUNTERS
SN54390 TI-SN54390 Datasheet
893Kb / 21P
[Old version datasheet]   DUAL 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B_08 Datasheet
922Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI1-SN54HC160_12 Datasheet
626Kb / 17P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54390 TI1-SN54390_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 4-BIT DECADE AND BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com