Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA130 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # SA130
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SA130 Datasheet(HTML) 5 Page - Leshan Radio Company

  SA130 Datasheet HTML 1Page - Leshan Radio Company SA130 Datasheet HTML 2Page - Leshan Radio Company SA130 Datasheet HTML 3Page - Leshan Radio Company SA130 Datasheet HTML 4Page - Leshan Radio Company SA130 Datasheet HTML 5Page - Leshan Radio Company SA130 Datasheet HTML 6Page - Leshan Radio Company SA130 Datasheet HTML 7Page - Leshan Radio Company SA130 Datasheet HTML 8Page - Leshan Radio Company SA130 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
3. dimension:
SA****


Similar Part No. - SA130

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SA130 YANGJIE-SA130 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
SA130 PANJIT-SA130 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA130 FCI-SA130 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA130 TSC-SA130 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
RFE international
SA130 RFE-SA130 Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
More results

Similar Description - SA130

ManufacturerPart #DatasheetDescription
logo
Surge Components
3KP SURGE-3KP Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
5KP SURGE-5KP Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Central Semiconductor C...
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB50CA CENTRAL-1SMB50CA Datasheet
97Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC50CA CENTRAL-1SMC50CA Datasheet
144Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
logo
StarHope
3KP SPSEMI-3KP Datasheet
429Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 220 Volts
SA SPSEMI-SA Datasheet
918Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 180 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com