Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4134UA Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA4134UA
Description  High Performance AUDIO OPERATIONAL AMPLIFIERS TM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4134UA Datasheet(HTML) 7 Page - Burr-Brown (TI)

  OPA4134UA Datasheet HTML 1Page - Burr-Brown (TI) OPA4134UA Datasheet HTML 2Page - Burr-Brown (TI) OPA4134UA Datasheet HTML 3Page - Burr-Brown (TI) OPA4134UA Datasheet HTML 4Page - Burr-Brown (TI) OPA4134UA Datasheet HTML 5Page - Burr-Brown (TI) OPA4134UA Datasheet HTML 6Page - Burr-Brown (TI) OPA4134UA Datasheet HTML 7Page - Burr-Brown (TI) OPA4134UA Datasheet HTML 8Page - Burr-Brown (TI) OPA4134UA Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
OPA134/2134/4134
®
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, RL = 2kΩ, unless otherwise noted.
SMALL-SIGNAL STEP RESPONSE
G =1, C
L = 100pF
200ns/div
LARGE-SIGNAL STEP RESPONSE
G = 1, C
L = 100pF
1µs/div
SETTLING TIME vs CLOSED-LOOP GAIN
Closed-Loop Gain (V/V)
100
10
1
0.1
±1
±10
±100
±1000
0.01%
0.1%
SMALL-SIGNAL OVERSHOOT
vs LOAD CAPACITANCE
60
50
40
30
20
10
0
100pF
1nF
10nF
Load Capacitance
G = +1
G = ±10
G = –1
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (V)
18
16
14
12
10
8
6
4
2
0
Typical production
distribution of packaged
units.
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (µV/°C)
12
10
8
6
4
2
0
Typical production
distribution of packaged
units.


Similar Part No. - OPA4134UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4134UA BURR-BROWN-OPA4134UA Datasheet
307Kb / 12P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA4134UA BURR-BROWN-OPA4134UA Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA4134UA BURR-BROWN-OPA4134UA Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA4134UA/2K5 BURR-BROWN-OPA4134UA/2K5 Datasheet
307Kb / 12P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA4134UA/2K5 BURR-BROWN-OPA4134UA/2K5 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4134UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA134_071 BURR-BROWN-OPA134_071 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2134UA2K5 TI1-OPA2134UA2K5 Datasheet
1Mb / 20P
[Old version datasheet]   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 TI1-OPA134 Datasheet
415Kb / 22P
[Old version datasheet]   High Performance Audio Operational Amplifiers
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134_07 Datasheet
307Kb / 12P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com