Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA177FP Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA177FP
Description  Precision OPERATIONAL AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA177FP Datasheet(HTML) 6 Page - Burr-Brown (TI)

  OPA177FP Datasheet HTML 1Page - Burr-Brown (TI) OPA177FP Datasheet HTML 2Page - Burr-Brown (TI) OPA177FP Datasheet HTML 3Page - Burr-Brown (TI) OPA177FP Datasheet HTML 4Page - Burr-Brown (TI) OPA177FP Datasheet HTML 5Page - Burr-Brown (TI) OPA177FP Datasheet HTML 6Page - Burr-Brown (TI) OPA177FP Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
®
OPA177
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, unless otherwise noted.
40
35
30
25
20
15
01
2
3
4
Time from Output Being Shorted (min)
OUTPUT SHORT-CIRCUIT CURRENT vs TIME
SC
I
SC
I
+
20
15
10
5
0
100
10k
Load Resistance to Ground ( )
MAXIMUM OUTPUT VOLTAGE vs LOAD RESISTANCE
1k
Negative
Output
Positive
Output
32
28
24
20
16
12
8
4
0
1k
10k
100k
1M
Frequency (Hz)
MAXIMUM OUTPUT SWING vs FREQUENCY
G = +1
R = 2k
L
100
10
1
0
10203040
Total Supply Voltage (V)
POWER CONSUMPTION vs POWER SUPPLY


Similar Part No. - OPA177FP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA177FP BURR-BROWN-OPA177FP Datasheet
171Kb / 9P
   Precision OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA177FP TI1-OPA177FP Datasheet
302Kb / 11P
[Old version datasheet]   Precision OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA177FPG4 BURR-BROWN-OPA177FPG4 Datasheet
171Kb / 9P
   Precision OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA177FPG4 TI1-OPA177FPG4 Datasheet
302Kb / 11P
[Old version datasheet]   Precision OPERATIONAL AMPLIFIER
More results

Similar Description - OPA177FP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
   Precision Operational Amplifier?
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
   Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
   Precision Operational Amplifier
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
   Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
   Precision Operational Amplifier
logo
Linear Technology
OP07H LINER-OP07H Datasheet
1Mb / 8P
   Precision Operational Amplifier
OP07CN8 LINER-OP07CN8 Datasheet
1Mb / 8P
   Precision Operational Amplifier
LT1001 LINER-LT1001_15 Datasheet
203Kb / 16P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com