Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE120A Datasheet(PDF) 6 Page - Leshan Radio Company

Part # P6KE120A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

P6KE120A Datasheet(HTML) 6 Page - Leshan Radio Company

  P6KE120A Datasheet HTML 1Page - Leshan Radio Company P6KE120A Datasheet HTML 2Page - Leshan Radio Company P6KE120A Datasheet HTML 3Page - Leshan Radio Company P6KE120A Datasheet HTML 4Page - Leshan Radio Company P6KE120A Datasheet HTML 5Page - Leshan Radio Company P6KE120A Datasheet HTML 6Page - Leshan Radio Company P6KE120A Datasheet HTML 7Page - Leshan Radio Company P6KE120A Datasheet HTML 8Page - Leshan Radio Company P6KE120A Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
标题:
1.1. 弹带盒规格 ammo spec.
单位:mm
L
WH
T52
262
±2
76
±2
90
±2
T42
262
±2
64
±2
90
±2
T26
250
±3
45
±3
95
±3
1.2 弹带内盒要求 inner box spec.
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
1 弹带盒装 ammo and box
1
LRC标签
label
ROHS标签
label


Similar Part No. - P6KE120A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE120A MOTOROLA-P6KE120A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
STMicroelectronics
P6KE120A STMICROELECTRONICS-P6KE120A Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
logo
First Silicon Co., Ltd
P6KE120A FS-P6KE120A Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
TAITRON Components Inco...
P6KE120A TAITRON-P6KE120A Datasheet
279Kb / 6P
   600W Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
P6KE120A SUNMATE-P6KE120A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results

Similar Description - P6KE120A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
StarHope
P4KE SPSEMI-P4KE Datasheet
373Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
1.5KE SPSEMI-1.5KE Datasheet
323Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
StarHope
P6KE SPSEMI-P6KE Datasheet
356Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 600 Volts
TVS-P4KE SPSEMI-TVS-P4KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 550 Volts 400 Watt Peak Power/1.0Watt Steady State
logo
Micro Commercial Compon...
SMBJP6KE68A MCC-SMBJP6KE68A_13 Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE6.8A MCC-SMBJP6KE6.8A Datasheet
416Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
SMBJP6KE27A-TP MCC-SMBJP6KE27A-TP Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com