Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA2134PA Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. OPA2134PA
Description  High Performance AUDIO OPERATIONAL AMPLIFIERS TM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

OPA2134PA Datasheet(HTML) 1 Page - Burr-Brown (TI)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
q SUPERIOR SOUND QUALITY
q ULTRA LOW DISTORTION: 0.00008%
q LOW NOISE: 8nV/
√Hz
q TRUE FET-INPUT: I
B = 5pA
q HIGH SPEED:
SLEW RATE: 20V/
µs
BANDWIDTH: 8MHz
q HIGH OPEN-LOOP GAIN: 120dB (600
Ω)
q WIDE SUPPLY RANGE:
±2.5V to ±18V
q SINGLE, DUAL, AND QUAD VERSIONS
High Performance
AUDIO OPERATIONAL AMPLIFIERS
TM
DESCRIPTION
The OPA134 series are ultra-low distortion, low noise
operational amplifiers fully specified for audio appli-
cations. A true FET input stage was incorporated to
provide superior sound quality and speed for excep-
tional audio performance. This in combination with
high output drive capability and excellent dc perfor-
mance allows use in a wide variety of demanding
applications. In addition, the OPA134’s wide output
swing, to within 1V of the rails, allows increased
headroom making it ideal for use in any audio circuit.
OPA134 op amps are easy to use and free from phase
inversion and overload problems often found in com-
mon FET-input op amps. They can be operated from
±2.5V to ±18V power supplies. Input cascode cir-
cuitry provides excellent common-mode rejection and
maintains low input bias current over its wide input
voltage range, minimizing distortion. OPA134 series
op amps are unity-gain stable and provide excellent
dynamic behavior over a wide range of load condi-
tions, including high load capacitance. The dual and
quad versions feature completely independent cir-
cuitry for lowest crosstalk and freedom from interac-
tion, even when overdriven or overloaded.
Single and dual versions are available in 8-pin DIP
and SO-8 surface-mount packages in standard con-
figurations. The quad is available in 14-pin DIP and
SO-14 surface mount packages. All are specified for
–40
°C to +85°C operation. A SPICE macromodel is
available for design analysis.
APPLICATIONS
q PROFESSIONAL AUDIO AND MUSIC
q LINE DRIVERS
q LINE RECEIVERS
q MULTIMEDIA AUDIO
q ACTIVE FILTERS
q PREAMPLIFIERS
q INTEGRATORS
q CROSSOVER NETWORKS
© 1996 Burr-Brown Corporation
PDS-1339C
Printed in U.S.A. December, 1997
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2134
8-Pin DIP, SO-8
A
B
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
V–
+In C
–In C
Out C
Out A
–In A
+In A
V+
+In B
–In B
Out B
OPA4134
14-Pin DIP
SO-14
AD
BC
1
2
3
4
8
7
6
5
Offset Trim
V+
Output
NC
Offset Trim
–In
+In
V–
OPA134
8-Pin DIP, SO-8
®
OPA134
OPA2134
OPA4134
OPA134
OPA2134
OPA4134
OPA4134
OPA134
OPA2134


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn