Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

95CAP-011 Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 95CAP-011
Description  Non-Washable Tactile Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

95CAP-011 Datasheet(HTML) 2 Page - Grayhill, Inc

  95CAP-011 Datasheet HTML 1Page - Grayhill, Inc 95CAP-011 Datasheet HTML 2Page - Grayhill, Inc 95CAP-011 Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Non-Washable Tactile Switches
DIMENSIONS: Non-Washable Switches In inches (and millimeters)
Right Angle
P.C.B. LAYOUT
4x.039
±.002
(4xØ1,0
±0,05)
.291
(7,40)
.258
(6,55)
.276
±.020
(7,00
± 0,50)
.335
±.016
(8,50
±0,40)
.177 (4,50)
.028
(0,70)
.016
(0,40)
0.071
+0.00-.020
(1.800
+0,00-0,50)
C
L
L
C
.138
±.020
(3,50
±0,50)
.100
(2,55)
"H" DIM.
See Ordering
Information
.157
(4,00)
.012
(0,30)
Ø.138
(Ø3,50)
.098 (2,50)
.028 (0,70)
.098
±.004
(2,50
±0,10)
.177
±.004
(4,50
±0,10)
.012
(0,30)
MAX.
.276
±.004
(7,00
±0,10)
Side View
Top View
.283
(7,20)
.063
.095
.067
.242
.124
.098
.012
.100
.028
.258
Actuactor Style "F"
for use with caps. See page
F1
F2
Ground
Terminal
T1
T2
Right Angle
MAX 260
°
255
°
230
°
150
°
Room
Temperature
120-150 sec.
60 sec.
5-10 sec.
REFLOW TEMPERATURE PROFILE:
TACT
5


Similar Part No. - 95CAP-011

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
95CAP-011 GRAYHILL-95CAP-011 Datasheet
52Kb / 1P
   Non-Washable Tactile Switches
More results

Similar Description - 95CAP-011

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
95C06A2GWRT GRAYHILL-95C06A2GWRT Datasheet
52Kb / 1P
   Non-Washable Tactile Switches
95C12A3GWRT GRAYHILL-95C12A3GWRT Datasheet
52Kb / 1P
   Non-Washable Tactile Switches
95C04A3GWRT GRAYHILL-95C04A3GWRT Datasheet
94Kb / 1P
   Non-Washable Tactile Switches
logo
GREATECS
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
   6 x 6 mm Washable Tactile Switches
TP57 GREATECS-TP57 Datasheet
168Kb / 2P
   12 x 12 mm Washable Halogen-Free Tactile Switches
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
   Tactile Switches
KSMC612A HOKURIKU-KSMC612A Datasheet
183Kb / 2P
   Tactile Switches
KSMC632A HOKURIKU-KSMC632A Datasheet
216Kb / 2P
   Tactile Switches
logo
List of Unclassifed Man...
101-TS7311T1601-EV ETC2-101-TS7311T1601-EV Datasheet
147Kb / 1P
   Tactile Switches
logo
Copal Electronics
TME COPAL-TME Datasheet
177Kb / 2P
   Tactile Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com