Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC1G14GV Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC1G14GV
Description  Inverting Schmitt trigger Rev. 6 ??27 December 2012
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC1G14GV Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC1G14GV Datasheet HTML 1Page - NXP Semiconductors 74HC1G14GV Datasheet HTML 2Page - NXP Semiconductors 74HC1G14GV Datasheet HTML 3Page - NXP Semiconductors 74HC1G14GV Datasheet HTML 4Page - NXP Semiconductors 74HC1G14GV Datasheet HTML 5Page - NXP Semiconductors 74HC1G14GV Datasheet HTML 6Page - NXP Semiconductors 74HC1G14GV Datasheet HTML 7Page - NXP Semiconductors 74HC1G14GV Datasheet HTML 8Page - NXP Semiconductors 74HC1G14GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
74HC_HCT1G14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 27 December 2012
5 of 16
NXP Semiconductors
74HC1G14; 74HCT1G14
Inverting Schmitt trigger
12. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL.
[2]
CPD is used to determine the dynamic power dissipation PD (W).
PD =CPD  VCC2  fi +  (CL  VCC2  fo)where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF; VCC = supply voltage in Volts
 (C
L  VCC
2
 f
o) = sum of outputs
ICC
supply current
VI =VCC or GND; IO =0A;
VCC =5.5 V
--
10
-
20
A
I
CC
additional supply
current
per input; VCC = 4.5 V to 5.5 V;
VI = VCC  2.1 V; IO =0A
-
-
500
-
850
A
CI
input capacitance
-
1.5
-
-
-
pF
VT+
positive-going
threshold voltage
see Figure 7 and Figure 8
VCC = 4.5 V
1.2
1.55
1.9
1.2
1.9
V
VCC = 5.5 V
1.4
1.80
2.1
1.4
2.1
V
VT
negative-going
threshold voltage
see Figure 7 and Figure 8
VCC = 4.5 V
0.5
0.76
1.2
0.5
1.2
V
VCC = 5.5 V
0.6
0.90
1.4
0.6
1.4
V
VH
hysteresis voltage
see Figure 7 and Figure 8
VCC = 4.5 V
0.4
0.80
-
0.4
-
V
VCC = 5.5 V
0.4
0.90
-
0.4
-
V
Table 7.
Static characteristics …continued
Voltages are referenced to GND (ground = 0 V). All typical values are measured at Tamb =25 C.
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ
Max
Min
Max
Table 8.
Dynamic characteristics
GND = 0 V; tr = tf 6.0 ns; All typical values are measured at Tamb =25 C. For test circuit see Figure 6
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ
Max
Min
Max
For type 74HC1G14
tpd
propagation delay A to Y; see Figure 5
[1]
VCC = 2.0 V; CL = 50 pF
-
25
155
-
190
ns
VCC = 4.5 V; CL =50pF
-
12
31
-
38
ns
VCC = 5.0 V; CL =15pF
-
10
-
-
-
ns
VCC = 6.0 V; CL =50pF
-
11
26
-
32
ns
CPD
power dissipation
capacitance
VI =GND to VCC
[2]
-20-
-
-
pF
For type 74HCT1G14
tpd
propagation delay A to Y; see Figure 5
[1]
VCC = 4.5 V; CL =50pF
-
17
43
-
51
ns
VCC = 5.0 V; CL =15pF
-
15
-
-
-
ns
CPD
power dissipation
capacitance
VI =GND to VCC  1.5 V
[2]
-22-
-
-
pF


Similar Part No. - 74HC1G14GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G14GV PHILIPS-74HC1G14GV Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14GV NXP-74HC1G14GV Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
74HC1G14GV NXP-74HC1G14GV Datasheet
131Kb / 16P
   Inverting Schmitt trigger
Rev. 6-27 December 2012
logo
Nexperia B.V. All right...
74HC1G14GV NEXPERIA-74HC1G14GV Datasheet
240Kb / 14P
   Inverting Schmitt trigger
Rev. 7 - 17 January 2022
74HC1G14GV-Q100 NEXPERIA-74HC1G14GV-Q100 Datasheet
720Kb / 16P
   Inverting Schmitt trigger
More results

Similar Description - 74HC1G14GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC7540D NXP-74HC7540D Datasheet
157Kb / 16P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting Rev. 4 ??31 December 2012
Rev. 4-31 December 2012
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com