Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA132P Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA132P
Description  High Speed FET-INPUT OPERATIONAL AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA132P Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA132P Datasheet HTML 1Page - Burr-Brown (TI) OPA132P Datasheet HTML 2Page - Burr-Brown (TI) OPA132P Datasheet HTML 3Page - Burr-Brown (TI) OPA132P Datasheet HTML 4Page - Burr-Brown (TI) OPA132P Datasheet HTML 5Page - Burr-Brown (TI) OPA132P Datasheet HTML 6Page - Burr-Brown (TI) OPA132P Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
®
OPA132, 2132, 4132
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
SPECIFICATIONS
At TA = +25°C, VS = ±15V, unless otherwise noted.
OPA132P, U
OPA2132P, U
OPA132PA, UA
OPA2132PA, UA
OPA4132PA, UA
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
±0.25
±0.5
±0.5
±2mV
vs Temperature(1)
Operating Temperature Range
±2
±10
*
*
µV/°C
vs Power Supply
VS = ±2.5V to ±18V
5
15
*
30
µV/V
Channel Separation (dual and quad)
RL = 2kΩ
0.2
*
µV/V
INPUT BIAS CURRENT
Input Bias Current(2)
VCM = 0V
+5
±50
*
*
pA
vs Temperature
See Typical Curve
*
Input Offset Current(2)
VCM = 0V
±2
±50
*
*
pA
NOISE
Input Voltage Noise
Noise Density, f = 10Hz
23
*
nV/
√Hz
f = 100Hz
10
*
nV/
√Hz
f = 1kHz
8
*
nV/
√Hz
f = 10kHz
8
*
nV/
√Hz
Current Noise Density, f = 1kHz
3
*
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
(V–)+2.5
±13
(V+)–2.5
*
*
*
V
Common-Mode Rejection
VCM = –12.5V to +12.5V
96
100
86
94
dB
INPUT IMPEDANCE
Differential
1013 || 2
*
Ω || pF
Common-Mode
VCM = –12.5V to +12.5V
1013 || 6
*
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
RL = 10kΩ, VO = –14.5V to +13.8V
110
120
104
*
dB
RL = 2kΩ, VO = –13.8V to +13.5V
110
126
104
120
dB
RL = 600Ω, VO = –12.8V to +12.5V
110
130
104
120
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
8
*
MHz
Slew Rate
±20
*
V/
µs
Settling Time: 0.1%
G = –1, 10V Step, CL = 100pF
0.7
*
µs
0.01%
G = –1, 10V Step, CL = 100pF
1
*
µs
Overload Recovery Time
G =
±1
0.5
*
µs
Total Harmonic Distortion + Noise
1kHz, G = 1, VO = 3.5Vrms
RL = 2kΩ
0.00008
*
%
RL = 600Ω
0.00009
*
%
OUTPUT
Voltage Output, Positive
RL = 10kΩ
(V+)–1.2
(V+)–0.9
*
*
V
Negative
(V–)+0.5
(V–)+0.3
*
*
V
Positive
RL = 2kΩ
(V+)–1.5
(V+)–1.2
*
*
V
Negative
(V–)+1.2
(V–)+0.9
*
*
V
Positive
RL = 600Ω
(V+)–2.5
(V+)–2.0
*
*
V
Negative
(V–)+2.2
(V–)+1.9
*
*
V
Short-Circuit Current
±40
*
mA
Capacitive Load Drive (Stable Operation)
See Typical Curve
*
POWER SUPPLY
Specified Operating Voltage
±15
*
V
Operating Voltage Range
±2.5
±18
*
*
V
Quiescent Current (per amplifier)
IO = 0
±4
±4.8
*
*
mA
TEMPERATURE RANGE
Operating Range
–40
+85
*
*
°C
Storage
–40
+125
*
*
°C
Thermal Resistance,
θ
JA
8-Pin DIP
100
*
°C/W
SO-8 Surface-Mount
150
*
°C/W
14-Pin DIP
80
*
°C/W
SO-14 Surface-Mount
110
*
°C/W
*Specifications same as OPA132P, OPA132U.
NOTES: (1) Guaranteed by wafer test. (2) High-speed test at TJ = 25°C.


Similar Part No. - OPA132P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA132P BURR-BROWN-OPA132P Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132P BURR-BROWN-OPA132P Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132P1 BURR-BROWN-OPA132P1 Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132P1 BURR-BROWN-OPA132P1 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132PA BURR-BROWN-OPA132PA Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA132P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA132 TI1-OPA132 Datasheet
1Mb / 30P
[Old version datasheet]   High-Speed FET-Input Operational Amplifiers
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132_04 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132 BURR-BROWN-OPA2132 Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA07A ETC-PA07A Datasheet
64Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Hitachi Semiconductor
HA17080 HITACHI-HA17080 Datasheet
54Kb / 10P
   J-FET Input Operational Amplifiers
logo
Texas Instruments
TL081 TI-TL081_V02 Datasheet
4Mb / 70P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
TL081 TI-TL081_V03 Datasheet
5Mb / 75P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
logo
Cirrus Logic
PA07 APEX-PA07 Datasheet
247Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081 TI-TL081_V01 Datasheet
4Mb / 66P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
logo
Linear Technology
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com