Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA128SM Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA128SM
Description  Difet Electrometer-Grade OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA128SM Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA128SM Datasheet HTML 1Page - Burr-Brown (TI) OPA128SM Datasheet HTML 2Page - Burr-Brown (TI) OPA128SM Datasheet HTML 3Page - Burr-Brown (TI) OPA128SM Datasheet HTML 4Page - Burr-Brown (TI) OPA128SM Datasheet HTML 5Page - Burr-Brown (TI) OPA128SM Datasheet HTML 6Page - Burr-Brown (TI) OPA128SM Datasheet HTML 7Page - Burr-Brown (TI) OPA128SM Datasheet HTML 8Page - Burr-Brown (TI) OPA128SM Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
®
2
OPA128
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
SPECIFICATIONS
ELECTRICAL
At V
CC = ±15VDC and TA = +25°C, unless otherwise noted. Pin 8 connected to ground.
OPA128JM
OPA128KM
OPA128LM
OPA128SM
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
BIAS CURRENT(1)
Input Bias Current
VCM = 0VDC,
RL ≥ 10kΩ±150
±300
±75
±150
±40
±75
±75
±150
fA
OFFSET CURRENT(1)
Input Offset Current
VCM = 0VDC,
RL ≥ 10kΩ
65
30
30
30
fA
OFFSET VOLTAGE(1)
Input Offset Voltage
VCM = 0VDC
±260 ±1000
±140
±500
±140
±500
±140
±500
µV
Average Drift
TA = TMIN to TMAX
±20
±10
±5
±10
µV/°C
Supply Rejection
80
120
90
120
90
120
90
120
dB
±1
±100
±1
±32
±1
±32
±1
±32
µV/V
NOISE
Voltage: fO = 10Hz
92
92
92
92
nV/
√Hz
fO = 100Hz
78
78
78
78
nV/
√Hz
fO = 1kHz
27
27
27
27
nV/
√Hz
fO = 10kHz
15
15
15
15
nV/
√Hz
fB = 10Hz to 10kHz
2.4
2.4
2.4
2.4
µVrms
fB = 0.1Hz to 10Hz
4444
µVp-p
Current: fB = 0.1Hz to 10Hz
4.2
3
2.3
3
fA, p-p
fO = 0.1Hz to 20kHz
0.22
0.16
0.12
0.16
fA/
√Hz
IMPEDANCE
Differential
1013 || 1
1013 || 1
1013|| 1
1013 || 1
Ω || pF
Common-Mode
1015 || 2
1015 || 2
1015 || 2
1015 || 2
Ω || pF
VOLTAGE RANGE(4)
Common-Mode Input Range
±10
±12
±10
±12
±10
±12
±10
±12
V
Common-Mode Rejection
VIN = ±10VDC
80
118
90
118
90
118
90
118
dB
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
RL ≥ 2kΩ
94
128
110
128
110
128
110
128
dB
FREQUENCY RESPONSE
Unity Gain, Small Signal
(2)
0.5
1
0.5
1
0.5
1
0.5
1
MHz
Full Power Response
20Vp-p, RL = 2kΩ
47
47
47
47
kHz
Slew Rate
VO = ±10V, RL =2kΩ
0.5
31
31
31
3
V/
µs
Settling Time, 0.1%
Gain = –1, RL = 2kΩ
5555
µs
0.01%
10V Step
10
10
10
10
µs
Overload Recovery,
50% Overdrive(3)
Gain = –1
5555
µs
RATED OUTPUT
Voltage Output
RL = 2kΩ±10
±13
±10
±13
±10
±13
±10
±13
V
Current Output
VO = ±10VDC
±5
±10
±5
±10
±5
±10
±5
±10
mA
Output Resistance
DC, Open Loop
100
100
100
100
Load Capacitance Stability
Gain = +1
1000
1000
1000
1000
pF
Short Circuit Current
10
34
55
10
34
55
10
34
55
10
34
55
mA
POWER SUPPLY
Rated Voltage
±15
±15
±15
±15
VDC
Voltage Range,
Derated Performance
±5
±18
±5
±18
±5
±18
±5
±18
VDC
Current, Quiescent
IO = 0mADC
0.9
1.5
0.9
1.5
0.9
1.5
0.9
1.5
mA
TEMPERATURE RANGE
Specification
Ambient Temp.
0
+70
0
+70
0
+70
–55
+125
°C
Operating
Ambient Temp.
–55
+125
–55
+125
–55
+125
–55
+125
°C
Storage
Ambient Temp.
–65
+150
–65
+150
–65
+150
–65
+150
°C
θ Junction-Ambient
200
200
200
200
°C/W
NOTES: (1) Offset voltage, offset current, and bias current are measured with the units fully warmed up. Bias current doubles approximately every 11
°C. (2) Sample
tested. (3) Overload recovery is defined as the time required for the output to return from saturation to linear operation following the removal of a 50% input overdrive.
(4) If it is possible for the input voltage to exceed the supply voltage, a series protection resistor should be added to limit input current to 0.5mA. The input devices
can withstand overload currents of 0.3mA indefinitely without damage.


Similar Part No. - OPA128SM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA121 TI1-OPA121 Datasheet
639Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA121KM BURR-BROWN-OPA121KM Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA121KM TI1-OPA121KM Datasheet
639Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA121KM3 TI1-OPA121KM3 Datasheet
639Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA128SM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD546 AD-AD546_15 Datasheet
457Kb / 12P
   1A Monolithic Electrometer Operational Amplifier
REV. A
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
   Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
AD546 AD-AD546 Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
logo
Burr-Brown (TI)
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA671 BURR-BROWN-OPA671 Datasheet
165Kb / 7P
   Wide Bandwidth, Fast Settling Difet OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com