Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0759A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0759A
Description  SAW Filter 575MHz (SMD 5.0횞5.0 mm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0759A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0759A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0759A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0759A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0759A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0759A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0759A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0759A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TB0759A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No.3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales3@mail.taisaw.com Web: www.taisaw.com
SAW Filter 575MHz (SMD 5.0×5.0 mm)
MODEL NO.: TB0759A
Rev. NO. 1.0
A. MAXIMUM RATING:
1. Operating Temperature: -20
°C ~ +75 °C
2. Storage Temperature: -40
°C ~ +85 °C
3. Input power: 10dBm
B. Characteristics :
Ambient Temperature: 25
°C
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency FC
MHz
-
575.0
-
-
Minimum Insertion loss I.L.
dB
-
13.2
14.0
-
Amplitude Ripple (560~590 MHz)
dB
-
0.8
1.5
Group Delay Variation (560~590 MHz)
ns
-
10
45
Absolute group delay (560~590 MHz)
ns
-
290
-
-
Attenuation (Reference level from 0 dB)
0 ~ 506
MHz
dB
50
65
-
-
506 ~ 536
MHz
dB
50
62
-
-
536 ~ 548
MHz
dB
45
60
-
-
638 ~ 656
MHz
dB
45
65
-
-
717 ~ 1000
MHz
dB
50
70
1000 ~ 1500
MHz
dB
40
63
Temp Coefficient
ppm/K
-
-23
-
-
Matching:
1.The input of the filter will be matched to 50 ohm
2.The output of the filter will be matched to 50 ohm
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TB0759A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0759A GOLLEDGE-TB0759A Datasheet
122Kb / 6P
   SAW Filter 575MHz
More results

Similar Description - TB0759A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0422A TAI-SAW-TA0422A Datasheet
695Kb / 5P
   SAW Filter 230.4MHz SMD 5.0횞5.0 mm
TA0693A TAI-SAW-TA0693A Datasheet
286Kb / 6P
   SAW Filter 435MHz SMD 5.0횞5.0 mm
TA0437A TAI-SAW-TA0437A Datasheet
444Kb / 5P
   SAW Filter 169MHz SMD 5.0횞5.0 mm
TB0705A TAI-SAW-TB0705A Datasheet
293Kb / 7P
   SAW Filter 453MHz (SMD 5.0횞5.0 mm)
TB0704A TAI-SAW-TB0704A Datasheet
290Kb / 7P
   SAW Filter 420MHz (SMD 5.0횞5.0 mm)
TB0703A TAI-SAW-TB0703A Datasheet
425Kb / 7P
   SAW Filter 280MHz (SMD 5.0횞5.0 mm)
TA0369A TAI-SAW-TA0369A Datasheet
523Kb / 5P
   SAW Filter 220MHz SMD 5.0횞5.0 mm
TA0526A TAI-SAW-TA0526A Datasheet
226Kb / 7P
   SAW Filter 415.4MHz SMD 5.0횞5.0 mm
TA0342A TAI-SAW-TA0342A Datasheet
703Kb / 6P
   SAW Filter 713MHz SMD 5.0횞5.0 mm
TA0461A TAI-SAW-TA0461A Datasheet
484Kb / 5P
   SAW Filter 184MHz SMD 5.0횞5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com