Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA130PA Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA130PA
Description  Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA130PA Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA130PA Datasheet HTML 1Page - Burr-Brown (TI) OPA130PA Datasheet HTML 2Page - Burr-Brown (TI) OPA130PA Datasheet HTML 3Page - Burr-Brown (TI) OPA130PA Datasheet HTML 4Page - Burr-Brown (TI) OPA130PA Datasheet HTML 5Page - Burr-Brown (TI) OPA130PA Datasheet HTML 6Page - Burr-Brown (TI) OPA130PA Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
OPA130
OPA2
130
OPA130
OPA2130
OPA4130
OPA41
30
OPA130
OPA2130
OPA4130
®
Low Power, Precision
FET-INPUT OPERATIONAL AMPLIFIERS
DESCRIPTION
The OPA130 series of FET-input op amps combine
precision dc performance with low quiescent current.
Single, dual, and quad versions have identical specifi-
cations for maximum design flexibility. They are ideal
for general-purpose, portable, and battery operated
applications, especially with high source impedance.
OPA130 op amps are easy to use and free from phase
inversion and overload problems often found in
common FET-input op amps. Input cascode circuitry
provides excellent common-mode rejection and
maintains low input bias current over its wide input
voltage range. OPA130 series op amps are stable in
unity gain and provide excellent dynamic behavior
over a wide range of load conditions, including high
load capacitance. Dual and quad designs feature
completely independent circuitry for lowest crosstalk
and freedom from interaction, even when overdriven
or overloaded.
Single and dual versions are available in 8-pin DIP
and SO-8 surface-mount packages. Quad is
available in 14-pin DIP and SO-14 surface-mount
packages. All are specified for –40
°C to +85°C
operation.
FEATURES
q LOW QUIESCENT CURRENT: 530
µA/amp
q LOW OFFSET VOLTAGE: 1mV max
q HIGH OPEN-LOOP GAIN: 120dB min
q HIGH CMRR: 90dB min
q FET INPUT: I
B = 20pA max
q EXCELLENT BANDWIDTH: 1MHz
q WIDE SUPPLY RANGE:
±2.25 to ±18V
q SINGLE, DUAL, AND QUAD VERSIONS
1
2
3
4
8
7
6
5
NC
V+
Output
Offset Trim
Offset Trim
–In
+In
V–
OPA130
8-Pin DIP, SO-8
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2130
8-Pin DIP, SO-8
A
B
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
V–
+In C
–In C
Out C
Out A
–In A
+In A
V+
+In B
–In B
Out B
OPA4130
14-Pin DIP
SO-14
AD
BC
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
© 1995 Burr-Brown Corporation
PDS-1298B
Printed in U.S.A. May, 1998


Similar Part No. - OPA130PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA130PA TI-OPA130PA Datasheet
698Kb / 16P
[Old version datasheet]   Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA130PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA130 TI-OPA130_07 Datasheet
698Kb / 16P
[Old version datasheet]   Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM062C NJRC-NJM062C Datasheet
4Mb / 21P
   LOW-POWER J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
logo
List of Unclassifed Man...
PA07A ETC-PA07A Datasheet
64Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA07 APEX-PA07 Datasheet
247Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4000-1 AD-ADA4000-1_09 Datasheet
420Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. A
ADA4000-1 AD-ADA4000-1_07 Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-1 AD-ADA4000-1_16 Datasheet
578Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
logo
Texas Instruments
TL071 TI-TL071_V05 Datasheet
5Mb / 90P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
logo
New Japan Radio
NJM072C NJRC-NJM072C Datasheet
1Mb / 21P
   LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
logo
Texas Instruments
TL071 TI-TL071_V03 Datasheet
5Mb / 84P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com