Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA128LM Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA128LM
Description  Difet Electrometer-Grade OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA128LM Datasheet(HTML) 7 Page - Burr-Brown (TI)

  OPA128LM Datasheet HTML 1Page - Burr-Brown (TI) OPA128LM Datasheet HTML 2Page - Burr-Brown (TI) OPA128LM Datasheet HTML 3Page - Burr-Brown (TI) OPA128LM Datasheet HTML 4Page - Burr-Brown (TI) OPA128LM Datasheet HTML 5Page - Burr-Brown (TI) OPA128LM Datasheet HTML 6Page - Burr-Brown (TI) OPA128LM Datasheet HTML 7Page - Burr-Brown (TI) OPA128LM Datasheet HTML 8Page - Burr-Brown (TI) OPA128LM Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
®
7
OPA128
APPLICATIONS INFORMATION
OFFSET VOLTAGE ADJUSTMENT
The OPA128 offset voltage is laser-trimmed and will require
no further trim for most applications. As with most amplifi-
ers, externally trimming the remaining offset can change
drift performance by about 0.3
µV/°C for each 100µV of
adjusted effort. Note that the trim (Figure 1) is similar to
operational amplifiers such as HA-5180 and AD515. The
OPA128 can replace many other amplifiers by leaving the
external null circuit unconnected.
The amplifier case should be connected to any input shield or
guard via pin 8. This insures that the amplifier itself is fully
surrounded by guard potential, minimizing both leakage and
noise pickup (see Figure 2).
Triboelectric charge (static electricity generated by friction)
can be a troublesome noise source from cables connected to
the input of an electrometer amplifier. Special low-noise cable
will minimize this effect but the optimum solution is to mount
the signal source directly at the electrometer input with short,
rigid, wiring to preclude microphonic noise generation.
TESTING
Accurately testing the OPA128 is extremely difficult due to its
high level of performance. Ordinary test equipment may not
be able to resolve the amplifier’s extremely low bias current.
Inaccurate bias current measurements can be due to:
1. Test socket leakage
2. Unclean package
3. Humidity or dew point condensation
4. Circuit contamination from fingerprints or anti-static
treatment chemicals
5. Test ambient temperature
6. Load power dissipation
BIFET® National Semiconductor Corp.
FIGURE 2. Connection of Input Guard.
TO-99 Bottom View
3
OPA128
2
8
6
In
Out
Non-Inverting
3
OPA128
2
8
6
In
Out
Buffer
3
OPA128
2
8
6
In
Out
Inverting
3
2
4 5
6
7
8
1
BOARD LAYOUT
FOR INPUT GUARDING
Guard top and bottom of board.
Alternate: use Teflon
® standoff
for sensitive input pins.
Teflon
® E.I. Du Pont de Nemours & Co.
FIGURE 1. Offset Voltage Trim.
7
6
2
3
4
5
1
±10mV Typical
Trim Range
NOTE: (1) 10k
Ω to 1MΩ
Trim Potentiometer
(100k
Ω Recommended)
+V
CC
–V
CC
OPA128
(1)
INPUT PROTECTION
Conventional monolithic FET operational amplifiers’ inputs
must be protected against destructive currents that can flow
when input FET gate-to-substrate isolation diodes are for-
ward-biased. Most BIFET® amplifiers can be destroyed by
the loss of –V
CC.
Because of its dielectric isolation, no special protection is
needed on the OPA128. Of course, the differential and
common-mode voltage limits should be observed.
Static damage can cause subtle changes in amplifier input
characteristics without necessarily destroying the device. In
precision operational amplifiers (both bipolar and FET types),
this may cause a noticeable degradation of offset voltage and
drift.
Static protection is recommended when handling any preci-
sion IC operational amplifier.
GUARDING AND SHIELDING
As in any situation where high impedances are involved,
careful shielding is required to reduce “hum” pickup in input
leads. If large feedback resistors are used, they should also be
shielded along with the external input circuitry. Leakage
currents across printed circuit boards can easily exceed the
bias current of the OPA128. To avoid leakage problems, it is
recommended that the signal input lead of the OPA128 be
wired to a Teflon standoff. If the input is to be soldered
directly into a printed circuit board, utmost care must be used
in planning the board layout. A “guard” pattern should
completely surround the high impedance input leads and
should be connected to a low impedance point which is at the
signal input potential.


Similar Part No. - OPA128LM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA121 TI1-OPA121 Datasheet
639Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA121KM BURR-BROWN-OPA121KM Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA121KM TI1-OPA121KM Datasheet
639Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA121KM3 TI1-OPA121KM3 Datasheet
639Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA128LM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD546 AD-AD546_15 Datasheet
457Kb / 12P
   1A Monolithic Electrometer Operational Amplifier
REV. A
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
   Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
AD546 AD-AD546 Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
logo
Burr-Brown (TI)
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA671 BURR-BROWN-OPA671 Datasheet
165Kb / 7P
   Wide Bandwidth, Fast Settling Difet OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com