Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUR605 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LUR605
Description  Glass Passivated Junction Ultra Fast Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LUR605 Datasheet(HTML) 5 Page - Leshan Radio Company

  LUR605 Datasheet HTML 1Page - Leshan Radio Company LUR605 Datasheet HTML 2Page - Leshan Radio Company LUR605 Datasheet HTML 3Page - Leshan Radio Company LUR605 Datasheet HTML 4Page - Leshan Radio Company LUR605 Datasheet HTML 5Page - Leshan Radio Company LUR605 Datasheet HTML 6Page - Leshan Radio Company LUR605 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
标题:
1.4
标签要求 label spec.
1.4.1
LRC标签 LRC label
成型规格forming spec.
1.4.2环保标签 environmental protection label
2.外箱规格 cartoon spec.
单位:mm
L
WH
T52
430
±2
280
±2
225
±2
3 按以上包装方式,编带数量和外包装箱产品数量:typing and cartoon spec.
塑封外型
R-6
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
2
每根编带数量
quantity/ammo
外箱数量(T52编带)
quantity/cartoon
0.4K
4.0K
L
W
H
外箱标签cartoon label
*******
LRC产品型号 type
****
**
****
产品重复峰压值 peak repetive voltage
产品额定电流值 average output current
产品数量 quantity
*******
产品生产日期 date


Similar Part No. - LUR605

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LUR6100 LRC-LUR6100 Datasheet
461Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 800 to 1000V Forward Current 6.0A
logo
SunLED Corporation
LUR61D SUNLED-LUR61D Datasheet
179Kb / 4P
   1.8mm SOLID STATE LAMP
logo
LIGITEK electronics co....
LUR63233H-PF LIGITEK-LUR63233H-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUR63633H-S1-PF LIGITEK-LUR63633H-S1-PF Datasheet
108Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LUR63633H/S1-PF LIGITEK-LUR63633H/S1-PF Datasheet
108Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results

Similar Description - LUR605

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LUR160 LRC-LUR160_15 Datasheet
115Kb / 4P
   Glass Passivated Junction Ultra Fast Rectifiers
LUR1100 LRC-LUR1100_15 Datasheet
358Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers
UG2D LRC-UG2D_15 Datasheet
177Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers
LUR460 LRC-LUR460_15 Datasheet
186Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers
SF68G LRC-SF68G_15 Datasheet
245Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers
SF64G LRC-SF64G_15 Datasheet
88Kb / 3P
   Glass Passivated Junction Ultra Fast Rectifiers
LUMA160 LRC-LUMA160_15 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers
UG4D LRC-UG4D_15 Datasheet
190Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers
LUMBF260 LRC-LUMBF260_15 Datasheet
224Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers
SF58G LRC-SF58G_15 Datasheet
193Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com