Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA111SM Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA111SM
Description  Low Noise Precision Difet OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA111SM Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA111SM Datasheet HTML 1Page - Burr-Brown (TI) OPA111SM Datasheet HTML 2Page - Burr-Brown (TI) OPA111SM Datasheet HTML 3Page - Burr-Brown (TI) OPA111SM Datasheet HTML 4Page - Burr-Brown (TI) OPA111SM Datasheet HTML 5Page - Burr-Brown (TI) OPA111SM Datasheet HTML 6Page - Burr-Brown (TI) OPA111SM Datasheet HTML 7Page - Burr-Brown (TI) OPA111SM Datasheet HTML 8Page - Burr-Brown (TI) OPA111SM Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low Noise Precision
Difet ®
OPERATIONAL AMPLIFIER
FEATURES
q LOW NOISE: 100% Tested, 8nV
Hz max
(10kHz)
q LOW BIAS CURRENT: 1pA max
q LOW OFFSET: 250
µV max
q LOW DRIFT: 1
µV/°C max
q HIGH OPEN-LOOP GAIN: 120dB min
q HIGH COMMON-MODE REJECTION:
100dB min
APPLICATIONS
q PRECISION INSTRUMENTATION
q DATA ACQUISITION
q TEST EQUIPMENT
q OPTOELECTRONICS
q MEDICAL EQUIPMENT—CAT SCANNER
q RADIATION HARD EQUIPMENT
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
BIFET® National Semiconductor Corp., Difet® Burr-Brown Corp.
OPA111
®
8
2
3
1
5
7
6
4
Case and
Substrate
Output
Trim
+V
CC
Noise-Free Cascode*
Trim
+In
–In
–V
CC
10k
10k
*Patented
2k
2k
2k
2k
DESCRIPTION
The OPA111 is a precision monolithic dielectrically
isolated FET (Difet ®) operational amplifier. Outstand-
ing performance characteristics allow its use in the
most critical instrumentation applications.
Noise, bias current, voltage offset, drift, open-loop
gain, common-mode rejection, and power supply re-
jection are superior to BIFET® amplifiers.
Very low bias current is obtained by dielectric isola-
tion with on-chip guarding.
Laser trimming of thin-film resistors gives very low
offset and drift. Extremely low noise is achieved with
patented circuit design techniques. A new cascode
design allows high precision input specifications and
reduced susceptibility to flicker noise.
Standard 741 pin configuration allows upgrading of
existing designs to higher performance levels.
© 1984 Burr-Brown Corporation
PDS-526K
Printed in U.S.A. August, 1995


Similar Part No. - OPA111SM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA111SM TI1-OPA111SM Datasheet
152Kb / 14P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA111SMQ TI1-OPA111SMQ Datasheet
152Kb / 14P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA111SM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
   Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com