Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC100AU Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # MPC100AU
Description  Wide Bandwidth 4 x 1 VIDEO MULTIPLEXER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPC100AU Datasheet(HTML) 5 Page - Burr-Brown (TI)

  MPC100AU Datasheet HTML 1Page - Burr-Brown (TI) MPC100AU Datasheet HTML 2Page - Burr-Brown (TI) MPC100AU Datasheet HTML 3Page - Burr-Brown (TI) MPC100AU Datasheet HTML 4Page - Burr-Brown (TI) MPC100AU Datasheet HTML 5Page - Burr-Brown (TI) MPC100AU Datasheet HTML 6Page - Burr-Brown (TI) MPC100AU Datasheet HTML 7Page - Burr-Brown (TI) MPC100AU Datasheet HTML 8Page - Burr-Brown (TI) MPC100AU Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
®
MPC100
TYPICAL PERFORMANCE CURVES
At VCC = ±5V, RLOAD = 10kΩ, RSOURCE = 50Ω, and TA = +25°C, unless otherwise noted.
–40
–20
0
20
60
80
100
Temperature (°C)
–5
5
4
3
2
1
0
–1
–2
–3
–4
OFFSET VOLTAGE vs TEMPERATURE
40
–40
–20
0
20
60
80
100
Temperature (°C)
–5
5
4
3
2
1
0
–1
–2
–3
–4
INPUT BIAS CURRENT vs TEMPERATURE
40
10k
100k
1M
10M
100M
1G
Frequency (Hz)
100
1.0M
100k
10k
1k
INPUT IMPEDANCE vs FREQUENCY
10k
100k
1M
10M
100M
1G
Frequency (Hz)
1
100
30
10
3
OUTPUT IMPEDANCE vs FREQUENCY
–40
–20
0
20
60
80
100
Temperature (°C)
0
9
8
7
6
5
4
3
2
1
TOTAL QUIESCENT CURRENT vs TEMPERATURE
40
One Channel Selected
–40
–20
0
20
60
80
100
Temperature (°C)
0
300
250
200
150
100
50
TOTAL QUIESCENT CURRENT vs TEMPERATURE
40
No Channel Selected


Similar Part No. - MPC100AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPC100AU TI1-MPC100AU Datasheet
270Kb / 16P
[Old version datasheet]   Wide Bandwidth 4x1 VIDEO MULTIPLEXER
MPC100AU/2K5 TI1-MPC100AU/2K5 Datasheet
270Kb / 16P
[Old version datasheet]   Wide Bandwidth 4x1 VIDEO MULTIPLEXER
More results

Similar Description - MPC100AU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC104 BURR-BROWN-MPC104 Datasheet
251Kb / 15P
   Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
logo
Texas Instruments
MPC104 TI1-MPC104 Datasheet
178Kb / 16P
[Old version datasheet]   Wide-Bandwidth 2x1 VIDEO MULTIPLEXER
MPC100 TI1-MPC100 Datasheet
270Kb / 16P
[Old version datasheet]   Wide Bandwidth 4x1 VIDEO MULTIPLEXER
logo
Analog Devices
ADG792G AD-ADG792G_15 Datasheet
569Kb / 24P
   Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
ADG792A AD-ADG792A_15 Datasheet
569Kb / 24P
   Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
logo
Burr-Brown (TI)
MPC102 BURR-BROWN-MPC102 Datasheet
283Kb / 12P
   Wide-Bandwidth DIFFERENTIAL 2 x 1 MULTIPLEXER
logo
Analog Devices
AD9300 AD-AD9300 Datasheet
158Kb / 8P
   4 x 1 Wideband Video Multiplexer
REV. A
logo
Fairchild Semiconductor
FSAV331MTC FAIRCHILD-FSAV331MTC Datasheet
138Kb / 6P
   Dual 4:1 Wide Bandwidth Video Switch
logo
Analog Devices
ADG792A AD-ADG792A Datasheet
568Kb / 24P
   IC-Compatible, Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
ADG795G AD-ADG795G_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com