Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0691A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0691A
Description  SAW Filter 70MHz 1.3MHz BW (SMD 13.3횞6.5 mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0691A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0691A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0691A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0691A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0691A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0691A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0691A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0691A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
E. Outline Drawing:
Pin A –RF input
Pin B –RF input ground
Pin G –RF output
Pin H –RF output ground
Pin C, D, E, F, J, K, M, N - Ground
: Week Code (Follow the table from planner each year)
Unit : mm
: Product / Year Code
Year
2005
2009
2006
2010
2007
2011
2008
2012
Product Code
B
b
B
b
6 9 1
Δ □
T


Similar Part No. - TB0691A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0691A GOLLEDGE-TB0691A Datasheet
143Kb / 6P
   SAW Filter: 70.0MHz
More results

Similar Description - TB0691A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0184B TAI-SAW-TB0184B Datasheet
185Kb / 6P
   SAW Filter 70MHz 3.5MHz BW (SMD 13.3횞6.5 mm)
TB0693A TAI-SAW-TB0693A Datasheet
270Kb / 7P
   SAW Filter 70MHz 0.8MHz BW (SMD 13.3횞6.5 mm)
TB1190A TAI-SAW-TB1190A Datasheet
225Kb / 7P
   SAW Filter 70MHz 13.84MHz BW (SMD 13.3횞6.5 mm)
TB0856A TAI-SAW-TB0856A Datasheet
310Kb / 7P
   SAW Filter 70MHz 24MHz BW (SMD 13.3횞6.5 mm)
TB0644A TAI-SAW-TB0644A Datasheet
192Kb / 7P
   SAW Filter 70MHz 0.1MHz BW (SMD 13.3횞6.5 mm)
TB0884A TAI-SAW-TB0884A Datasheet
316Kb / 7P
   SAW Filter 70MHz 8MHz BW (SMD 13.3횞6.5 mm)
TB1116A TAI-SAW-TB1116A Datasheet
121Kb / 7P
   SAW Filter 70MHz (SMD 13.3횞6.5 mm)
TB1109A TAI-SAW-TB1109A Datasheet
253Kb / 7P
   SAW Filter 70MHz (SMD 13.3횞6.5 mm)
TB0887A TAI-SAW-TB0887A Datasheet
345Kb / 6P
   SAW Filter 55MHz 0.5MHz BW (SMD 13.3횞6.5 mm)
TB0479A TAI-SAW-TB0479A Datasheet
362Kb / 6P
   SAW Filter 96MHz 1.6MHz BW (SMD 13.3횞6.5 mm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com