Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0682A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0682A
Description  IF SAW Filter 130.06MHz(BW=160KHz) SMD 5.0X7.0mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0682A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0682A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0682A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0682A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0682A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0682A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0682A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0682A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 5 -
F. PCB Footprint:
G. Packing:
1. Reel Dimension


Similar Part No. - TB0682A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0682A GOLLEDGE-TB0682A Datasheet
110Kb / 6P
   SAW Filter 130.06MHz
More results

Similar Description - TB0682A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0574A TAI-SAW-TB0574A Datasheet
386Kb / 7P
   IF SAW Filter 153.6MHz(BW=20MHz) SMD 5.0X7.0mm
TB0721A TAI-SAW-TB0721A Datasheet
401Kb / 7P
   IF SAW Filter 200.3MHz(BW=27MHz) SMD 5.0X7.0mm
TB0772A TAI-SAW-TB0772A Datasheet
399Kb / 7P
   IF SAW Filter 153.6MHz(BW=20MHz) SMD 5.0X7.0mm
TB0841A TAI-SAW-TB0841A Datasheet
341Kb / 6P
   IF SAW Filter 942MHz SMD 5.0X7.0mm
TB1312A TAI-SAW-TB1312A Datasheet
388Kb / 7P
   234.5MHz 160kHz BW SMD 7.0 x 5.0 mm SAW IF Filter
TB0840A TAI-SAW-TB0840A Datasheet
341Kb / 6P
   IF SAW Filter 897MHz SMD 5.0X7.0mm
TB0463A TAI-SAW-TB0463A Datasheet
218Kb / 6P
   IF SAW Filter 456 MHz(SMD 5.0X7.0mm)
TB374EA TAI-SAW-TB374EA Datasheet
444Kb / 9P
   SAW Filter 374MHz SMD 5.0x7.0mm
logo
Golledge Electronics Lt...
MP02832 GOLLEDGE-MP02832 Datasheet
110Kb / 6P
   SAW Filter 130.06MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB0416A TAI-SAW-TB0416A Datasheet
626Kb / 6P
   IF SAW Filter 193.7MHz(BW=10MHz) SMD 9.1X7.1mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com