Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR9641 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LR9641
Description  42V Input Standoff Voltage, 0.7A Step-Down Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR9641 Datasheet(HTML) 5 Page - Leshan Radio Company

  LR9641 Datasheet HTML 1Page - Leshan Radio Company LR9641 Datasheet HTML 2Page - Leshan Radio Company LR9641 Datasheet HTML 3Page - Leshan Radio Company LR9641 Datasheet HTML 4Page - Leshan Radio Company LR9641 Datasheet HTML 5Page - Leshan Radio Company LR9641 Datasheet HTML 6Page - Leshan Radio Company LR9641 Datasheet HTML 7Page - Leshan Radio Company LR9641 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TYPICAL CHARACTERISTICS
(Typical values are at TA = 25
°C unless otherwise specified.)
Start-up Waveform with EN
VIN=12V,VOUT=5V,IOUT=0A
5ms/div
VEN
VOUT
ISW
Start-up Waveform with EN=VIN
VIN=12V,VOUT=5V,IOUT=0A
5ms/div
Shutdown Waveform with EN
VIN=30V,VOUT=5V,IOUT=0.5A
5ms/div
VOUT
ISW
ISW
VIN
VOUT
VSW
VSW
VEN
VSW
Switching Waveform
VIN=12V,VOUT=5V,IOUT=0.1A
5ms/div
VOUT
Switching Waveform
VIN=12V,VOUT=5V,IOUT=0.3A
5ms/div
Load Transient Response
VIN=12V,VOUT=3.3V,IOUT=0 to 0.5A
5ms/div
VOUT
ISW
VOUT
VSW
VSW
Load Transient Response
VIN=12V,VOUT=5V,IOUT=0 to 0.5A
Short-Circuit Response
VIN=24V,VOUT=5V,IOUT=0A to
Short
Short-Circuit Recovery
VIN=24V,VOUT=5V,IOUT= Short to 0A
LESHAN RADIO COMPANY, LTD.
5/8


Similar Part No. - LR9641

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
Unisonic Technologies
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
LR9101 UTC-LR9101 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9101G-10-AE2-R UTC-LR9101G-10-AE2-R Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9101G-10-AE3-R UTC-LR9101G-10-AE3-R Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
More results

Similar Description - LR9641

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9641 BELLING-BL9641 Datasheet
1Mb / 7P
   42V Input Standoff Voltage, 0.7A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE736E ACE-ACE736E Datasheet
644Kb / 9P
   42V Input Standoff Voltage, 0.4A Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9641B BELLING-BL9641B Datasheet
473Kb / 7P
   42V Input Standoff Voltage, 0.4A Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA2845 ETA-ETA2845 Datasheet
138Kb / 1P
   42V Input Standoff Voltage, 0.4A Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE728E ACE-ACE728E Datasheet
522Kb / 8P
   42V Input Standoff Voltage, Step-Down LED Driver
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA2841 ETA-ETA2841 Datasheet
198Kb / 1P
   42V Input Standoff Voltage, 0.6A Step-Down Converter in SOT23-6
ETA2842 ETA-ETA2842 Datasheet
293Kb / 1P
   42V Input Standoff Voltage, 1A Step-Down Converter in SOT23-6
ETA2821 ETA-ETA2821 Datasheet
199Kb / 1P
   42V Input Standoff Voltage, 1.5A Step-Down Converter in SOT23-6
ETA2843 ETA-ETA2843 Datasheet
135Kb / 1P
   42V Input Standoff Voltage, 0.4A Step-Down Converter in SOT23-6
logo
ACE Technology Co., LTD...
ACE735E ACE-ACE735E Datasheet
1Mb / 10P
   36V Input Standoff Voltage, 1.5A Step-Down Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com