Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO113 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO113
Description  Low-Cost, High-Voltage, Internally Powered OUTPUT ISOLATION AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO113 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ISO113 Datasheet HTML 1Page - Burr-Brown (TI) ISO113 Datasheet HTML 2Page - Burr-Brown (TI) ISO113 Datasheet HTML 3Page - Burr-Brown (TI) ISO113 Datasheet HTML 4Page - Burr-Brown (TI) ISO113 Datasheet HTML 5Page - Burr-Brown (TI) ISO113 Datasheet HTML 6Page - Burr-Brown (TI) ISO113 Datasheet HTML 7Page - Burr-Brown (TI) ISO113 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 1989 Burr-Brown Corporation
PDS-844E
Printed in U.S.A. August, 1999
ISO113
Low-Cost, High-Voltage, Internally Powered
OUTPUT ISOLATION AMPLIFIER
FEATURES
q SELF-CONTAINED ISOLATED SIGNAL
AND OUTPUT POWER
q SMALL PACKAGE SIZE: Double-Wide
(0.6") Sidebraze DIP
q CONTINUOUS AC BARRIER RATING:
1500Vrms
q WIDE BANDWIDTH: 20kHz Small Signal,
20kHz Full Power
q BUILT-IN ISOLATED OUTPUT POWER:
±10V to ±18V Input, ±50mA Output
q MULTICHANNEL SYNCHRONIZATION
CAPABILITY
q BOARD AREA ONLY 0.72in.2 (4.6cm2)
APPLICATIONS
q 4mA TO 20mA V/I CONVERTERS
q MOTOR AND VALVE CONTROLLERS
q ISOLATED RECORDER OUTPUTS
q MEDICAL INSTRUMENTATION OUTPUTS
q GAS ANALYZERS
DESCRIPTION
The ISO113 output isolation amplifier provides both
signal and output power across an isolation barrier in
a small double-wide DIP package. The ceramic non-
hermetic hybrid package with side-brazed pins con-
tains a transformer-coupled DC/ DC converter and a
capacitor-coupled signal channel.
Extra power is available on the isolated output side for
driving external loads. The converter is protected from
shorts to ground with an internal current limit, and the
soft-start feature limits the initial currents from the
power source. Multiple-channel synchronization can
be accomplished by applying a TTL clock signal to
paralleled Sync pins. The Enable control is used to
turn off transformer drive while keeping the signal
channel modulator active. This feature provides a
convenient way to reduce quiescent current for low
power applications.
The wide barrier pin spacing and internal insulation
allow for the generous 1500Vrms continuous rating.
Reliability is assured by 100% barrier breakdown
testing that conforms to UL1244 test methods. Low
barrier capacitance minimizes AC leakage currents.
These specifications and built-in features make the
ISO113 easy to use, and provides for compact PC
board layout.
Duty Cycle Modulator
Duty Cycle Demodulator
Rectifiers, Filters
Oscillators, Driver
V
OUT
–V
CC2
Sync*
Enable
+V
CC1
Ps Gnd
+V
CC2
–V
CC1
Gnd 1
Com 1
V
IN
Sense
–V
C
+VC
Sync
*Ground if not used
Gnd 2
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
ISO113


Similar Part No. - ISO113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176DW TI-ISO1176DW Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176DW TI-ISO1176DW Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176DWG4 TI-ISO1176DWG4 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
More results

Similar Description - ISO113

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO103 BURR-BROWN-ISO103 Datasheet
112Kb / 9P
   Low-Cost, Internally Powered ISOLATION AMPLIFIER
ISO107 BURR-BROWN-ISO107 Datasheet
119Kb / 8P
   High-Voltage, Internally Powered ISOLATION AMPLIFIER
ISO130 BURR-BROWN-ISO130 Datasheet
108Kb / 11P
   High IMR, Low Cost ISOLATION AMPLIFIER
logo
List of Unclassifed Man...
1A184 ETC1-1A184 Datasheet
28Kb / 1P
   IA184 LOW-COST, HIGH-LINEARITY ISOLATION AMPLIFIER
logo
Burr-Brown (TI)
ISO120G-BI BURR-BROWN-ISO120G-BI Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO120 BURR-BROWN-ISO120 Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
logo
Analog Devices
ADM4073 AD-ADM4073 Datasheet
263Kb / 12P
   Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. 0
ADM4073 AD-ADM4073_15 Datasheet
284Kb / 12P
   Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX4073T MAXIM-MAX4073T_12 Datasheet
519Kb / 12P
   Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 8/12
logo
List of Unclassifed Man...
290A ETC1-290A Datasheet
45Kb / 1P
   Low Cost Single and Multichannel Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com