Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA2141UA Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA2141UA
Description  Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA2141UA Datasheet(HTML) 2 Page - Burr-Brown (TI)

  INA2141UA Datasheet HTML 1Page - Burr-Brown (TI) INA2141UA Datasheet HTML 2Page - Burr-Brown (TI) INA2141UA Datasheet HTML 3Page - Burr-Brown (TI) INA2141UA Datasheet HTML 4Page - Burr-Brown (TI) INA2141UA Datasheet HTML 5Page - Burr-Brown (TI) INA2141UA Datasheet HTML 6Page - Burr-Brown (TI) INA2141UA Datasheet HTML 7Page - Burr-Brown (TI) INA2141UA Datasheet HTML 8Page - Burr-Brown (TI) INA2141UA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
®
INA2141
2
SPECIFICATIONS
At T
A = +25°C, VS = ±15V, and RL = 10kΩ, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
INA2141P, U
INA2141PA, UA
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
T Specification same as INA2141P, U.
NOTE: (1) Input common-mode range varies with output voltage—see typical curves. (2) Guaranteed by wafer test.
INPUT
Offset Voltage, RTI
G = 100
±20
±50
T
±125
µV
G = 10
±50
±100
T
±250
µV
vs Temperature
G = 100
±0.2
±0.5
T
±1.5
µV/°C
G = 10(2)
±0.5
±2
T
±5
µV/°C
vs Power Supply
VS = ±2.25 to ±18V, G = 100
±1
±2
T
±5
µV/V
G = 10
±2
±10
T
±20
µV/V
Long-Term Stability
G = 100
0.2
T
µV/mo
G = 10
0.5
T
µV/mo
Impedance, Differential
1010 || 2
T
Ω || pF
Common-Mode
1010 || 9
T
Ω || pF
Common-Mode Voltage Range(1)
VO = 0V
(V+) – 2
(V+) – 1.4
TT
V
(V–) + 2
(V–) + 1.7
TT
V
Safe Input Voltage
±40
T
V
Common-Mode Rejection
VCM = ±13V, ∆RS = 1kΩ
G = 100
117
125
110
120
dB
G = 10
97
106
93
100
dB
BIAS CURRENT
±2
±5
T
±10
nA
vs Temperature
±30
T
pA/
°C
Offset Current
±1
±5
T
±10
nA
vs Temperature
±30
T
pA/
°C
NOISE VOLTAGE, RTI
f = 10Hz
G = 100, RS = 0Ω
10
T
nV/
√Hz
f = 100Hz
8
T
nV/
√Hz
f = 1kHz
8
T
nV/
√Hz
fB = 0.1Hz to 10Hz
0.2
T
µVp-p
f = 10Hz
G = 10, RS = 0Ω
22
T
nV/
√Hz
f = 100Hz
13
T
nV/
√Hz
f = 1kHz
12
T
nV/
√Hz
fB = 0.1Hz to 10Hz
0.6
T
µVp-p
Noise Current
f = 10Hz
0.9
T
pA/
√Hz
f = 1kHz
0.3
T
pA/
√Hz
fB = 0.1Hz to 10Hz
30
T
pAp-p
GAIN
Gain Error
VO = ±13.6V, G = 100
±0.03
±0.075
T
±0.15
%
G = 10
±0.01
±0.05
T
±0.15
%
Gain vs Temperature(2)
G = 10, 100
±2
±10
TT
ppm/
°C
Nonlinearity
G = 100
±0.0005
±0.002
T
±0.004
% of FSR
G = 10
±0.0003
±0.001
T
±0.002
% of FSR
OUTPUT
Voltage: Positive
RL = 10kΩ
(V+) – 1.4
(V+) – 0.9
TT
V
Negative
RL = 10kΩ
(V–) + 1.4
(V–) + 0.9
TT
V
Load Capacitance Stability
1000
T
pF
Short-Circuit Current
+6/–15
T
mA
FREQUENCY RESPONSE
Bandwidth, –3dB
G = 100
200
T
kHz
G = 10
1
T
MHz
Slew Rate
VO = ±10V, G = 10
4
T
V/
µs
Settling Time, 0.01%
VO = ±5V, G = 100
9
T
µs
G = 10
7
T
µs
Overload Recovery
50% Overdrive
4
T
µs
POWER SUPPLY
Voltage Range
±2.25
±15
±18
TT
T
V
Current, Total
VIN = 0V
±1.5
±1.6
TT
mA
TEMPERATURE RANGE
Specification
–40
85
TT
°C
Operating
–40
125
TT
°C
θ
JA
80
T
°C/W


Similar Part No. - INA2141UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2141UA TI1-INA2141UA Datasheet
751Kb / 15P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA2141UA/1K TI1-INA2141UA/1K Datasheet
751Kb / 15P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA2141UAE4 TI1-INA2141UAE4 Datasheet
751Kb / 15P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA2141UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA141U2K5 TI1-INA141U2K5 Datasheet
339Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA141 BURR-BROWN-INA141 Datasheet
190Kb / 10P
   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA141 TI1-INA141 Datasheet
333Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA131 TI1-INA131 Datasheet
126Kb / 11P
[Old version datasheet]   Precision G = 100 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA131 BURR-BROWN-INA131 Datasheet
113Kb / 10P
   Precision G = 100 INSTRUMENTATION AMPLIFIER
INA2128 BURR-BROWN-INA2128 Datasheet
282Kb / 10P
   Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2128U-1K TI1-INA2128U-1K Datasheet
721Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
INA2128 TI1-INA2128 Datasheet
709Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
INA166 TI1-INA166_08 Datasheet
333Kb / 11P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166 TI-INA166 Datasheet
148Kb / 9P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com