Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3055A Datasheet(PDF) 1 Page - Savantic, Inc.

Part # 2N3055A
Description  2N3055A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2N3055A Datasheet(HTML) 1 Page - Savantic, Inc.

  2N3055A Datasheet HTML 1Page - Savantic, Inc. 2N3055A Datasheet HTML 2Page - Savantic, Inc. 2N3055A Datasheet HTML 3Page - Savantic, Inc. 2N3055A Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2N3055A
DESCRIPTION
·With TO-3 package
·Complement to type MJ2955A
·Excellent Safe Operating Area
APPLICATIONS
·For high power audio ,stepping motor
and other linear applications
·Relay or solenoid drviers
·DC-DC converters inverters
PINNING(see Fig.2)
PIN
DESCRIPTION
1
Base
2
Emitter
3
Collector
Absolute maximum ratings(Ta= )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
100
V
VCEO
Collector-emitter voltage
Open base
60
V
VEBO
Emitter-base voltage
Open collector
7
V
IC
Collector current
15
A
IB
Base current
7
A
PC
Collector power dissipation
TC=25
115
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~200
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
1.52
/W
Fig.1 simplified outline (TO-3) and symbol


Similar Part No. - 2N3055A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3055A MOSPEC-2N3055A Datasheet
193Kb / 4P
   POWER TRANSISTORS(15A)
logo
Motorola, Inc
2N3055A MOTOROLA-2N3055A Datasheet
235Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A Datasheet
235Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 1
logo
Boca Semiconductor Corp...
2N3055A BOCA-2N3055A Datasheet
200Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com