Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD1961A Datasheet(PDF) 10 Page - LDT Co., Ltd

Part # LD1961A
Description  12 SEGMENT X 7 GRID LED Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1961A Datasheet(HTML) 10 Page - LDT Co., Ltd

Back Button LD1961A Datasheet HTML 6Page - LDT Co., Ltd LD1961A Datasheet HTML 7Page - LDT Co., Ltd LD1961A Datasheet HTML 8Page - LDT Co., Ltd LD1961A Datasheet HTML 9Page - LDT Co., Ltd LD1961A Datasheet HTML 10Page - LDT Co., Ltd LD1961A Datasheet HTML 11Page - LDT Co., Ltd LD1961A Datasheet HTML 12Page - LDT Co., Ltd LD1961A Datasheet HTML 13Page - LDT Co., Ltd LD1961A Datasheet HTML 14Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Ver1.0
10
LD1961A
12 SEGMENT X 7 GRID LED Driver with key scan
FUNCTIONAL DESCRIPTION
COMMANDS
The LD1961A has 4 kind of commands. The first command is display setting commands, the second
command is data setting command. The third command is address setting command and the fourth
command is display control command.
COMMAND 1 : DISPLAY MODE SETTING COMMAND
The Display mode setting command has 2bit (b1,b0) for display mode setting and 2bit (b7,b6)
for commands. And 4bits (b5 ~ b2) are don’t care bit. The command bits (b7,b6) are “0”,”0” for
COMMAND1.
The display mode setting command determines the number of segments and grids. This command
should be executed for display off. And the default of b1,b0 are “1”,”1” for power on. This status is
selected 7 grids, 11 segments and key scan enable. If b1,b0 are “1”,”0” then 6 grids 12 segments
and key scan enable selected. If b1,b0 are “0”,”1” or “0”,”0” then 7 grids 11 segments and key scan
disable selected.
Don’t Care
Display Mode Settings :
00 : 7Grid, 11 Segments
01 : 7Grid, 11 Segments
10 : 6 Grids, 12 Segments
11 : 7 Grids, 11 Segments
MSB
b7
LSB
b6
b5
b4
b3
b2
b1
b0
00 : COMMAND 1


Similar Part No. - LD1961A

ManufacturerPart #DatasheetDescription
logo
LDT Co., Ltd
LD1960 LDT-LD1960 Datasheet
344Kb / 23P
   9 SEGMENT X 7 GRID LED Driver with key scan
LD1960A LDT-LD1960A Datasheet
1Mb / 23P
   9 SEGMENT X 7 GRID LED Driver with Key scan
More results

Similar Description - LD1961A

ManufacturerPart #DatasheetDescription
logo
LDT Co., Ltd
LD1960 LDT-LD1960 Datasheet
344Kb / 23P
   9 SEGMENT X 7 GRID LED Driver with key scan
LD1960A LDT-LD1960A Datasheet
1Mb / 23P
   9 SEGMENT X 7 GRID LED Driver with Key scan
LD1970 LDT-LD1970 Datasheet
709Kb / 26P
   16 SEGMENT X 12 GRID VFD DRIVER
logo
TEMIC Semiconductors
U143M TEMIC-U143M Datasheet
70Kb / 4P
   7-Segment Decoder Driver
logo
OKI electronic componet...
MSC1951-01 OKI-MSC1951-01 Datasheet
138Kb / 17P
   7-Segment x 16-Digit or 16-Segment x 6-Bargraph display Controller/Driver
logo
EPIGAP optoelectronic G...
EDC-660-19-02 EPIGAP-EDC-660-19-02 Datasheet
21Kb / 1P
   7-Segment LED-Chip
EDC-660-19-01 EPIGAP-EDC-660-19-01 Datasheet
22Kb / 1P
   7-Segment LED-Chip
logo
LDT Co., Ltd
LD1207 LDT-LD1207 Datasheet
266Kb / 19P
   12/9 Segment Output lines 4 to 7 grid output lines
logo
List of Unclassifed Man...
TOS5161 ETC-TOS5161 Datasheet
45Kb / 1P
   7 SEGMENT LED DISPLAY
TOS5121 ETC-TOS5121 Datasheet
45Kb / 1P
   7 SEGMENT LED DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com