Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD1961A Datasheet(PDF) 3 Page - LDT Co., Ltd

Part # LD1961A
Description  12 SEGMENT X 7 GRID LED Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1961A Datasheet(HTML) 3 Page - LDT Co., Ltd

  LD1961A Datasheet HTML 1Page - LDT Co., Ltd LD1961A Datasheet HTML 2Page - LDT Co., Ltd LD1961A Datasheet HTML 3Page - LDT Co., Ltd LD1961A Datasheet HTML 4Page - LDT Co., Ltd LD1961A Datasheet HTML 5Page - LDT Co., Ltd LD1961A Datasheet HTML 6Page - LDT Co., Ltd LD1961A Datasheet HTML 7Page - LDT Co., Ltd LD1961A Datasheet HTML 8Page - LDT Co., Ltd LD1961A Datasheet HTML 9Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Ver1.0
3
LD1961A
12 SEGMENT X 7 GRID LED Driver with key scan
PIN DESCRIPTION
PIN NAME
OSC
CLK
STB
VDD
SEG1/KS1 to
SEG10/KS10
SEG12/GR7
GR6 to GR1
I/O
I
I
I
-
O
O
O
DESCRIPTION
Oscillator Input pin.
This pin is recommended open for operation.
Serial clock input pin.
Input data is trigger at rising edge.
Output data is trigger at falling edge.
When this pin is HIGH, CLK signal is ignored.
The data input after the STB has fallen is processed
as a command.
Power Supply
Segment output pins. ( P-channel open drain)
Also key scan source pins.
Segment / Grid output pin.
Grid output pins
PIN No.
1
DIN
I
Serial Data Input pin.
This pin inputs serial data at the rising edge of CLK signal.
LSB first input.
3
4
5
9,25
10 ~ 12
14 ~ 20
22
23,24,27,
28,30,31
Serial Data Output Pin ( N-channel open drain)
This pin outputs at CLK falling edge.
2
DOUT
O
K1,K2,k3
I
Key scan input pins.
This pins are operated with SEG1/KS1 to SEG10/KS10 pins.
This pins have Pull down resistor internally.
6,7,8
SEG11
O
Segment output pins. ( P-channel open drain)
21
GND
-
Ground Pin
26,29,32
NC
-
No connection
13


Similar Part No. - LD1961A

ManufacturerPart #DatasheetDescription
logo
LDT Co., Ltd
LD1960 LDT-LD1960 Datasheet
344Kb / 23P
   9 SEGMENT X 7 GRID LED Driver with key scan
LD1960A LDT-LD1960A Datasheet
1Mb / 23P
   9 SEGMENT X 7 GRID LED Driver with Key scan
More results

Similar Description - LD1961A

ManufacturerPart #DatasheetDescription
logo
LDT Co., Ltd
LD1960 LDT-LD1960 Datasheet
344Kb / 23P
   9 SEGMENT X 7 GRID LED Driver with key scan
LD1960A LDT-LD1960A Datasheet
1Mb / 23P
   9 SEGMENT X 7 GRID LED Driver with Key scan
LD1970 LDT-LD1970 Datasheet
709Kb / 26P
   16 SEGMENT X 12 GRID VFD DRIVER
logo
TEMIC Semiconductors
U143M TEMIC-U143M Datasheet
70Kb / 4P
   7-Segment Decoder Driver
logo
OKI electronic componet...
MSC1951-01 OKI-MSC1951-01 Datasheet
138Kb / 17P
   7-Segment x 16-Digit or 16-Segment x 6-Bargraph display Controller/Driver
logo
EPIGAP optoelectronic G...
EDC-660-19-02 EPIGAP-EDC-660-19-02 Datasheet
21Kb / 1P
   7-Segment LED-Chip
EDC-660-19-01 EPIGAP-EDC-660-19-01 Datasheet
22Kb / 1P
   7-Segment LED-Chip
logo
LDT Co., Ltd
LD1207 LDT-LD1207 Datasheet
266Kb / 19P
   12/9 Segment Output lines 4 to 7 grid output lines
logo
List of Unclassifed Man...
TOS5161 ETC-TOS5161 Datasheet
45Kb / 1P
   7 SEGMENT LED DISPLAY
TOS5121 ETC-TOS5121 Datasheet
45Kb / 1P
   7 SEGMENT LED DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com