Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD1510 Datasheet(PDF) 22 Page - LDT Co., Ltd

Part # LD1510
Description  3Channel Output LED Driver with 12 bit PWM Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1510 Datasheet(HTML) 22 Page - LDT Co., Ltd

Back Button LD1510 Datasheet HTML 17Page - LDT Co., Ltd LD1510 Datasheet HTML 18Page - LDT Co., Ltd LD1510 Datasheet HTML 19Page - LDT Co., Ltd LD1510 Datasheet HTML 20Page - LDT Co., Ltd LD1510 Datasheet HTML 21Page - LDT Co., Ltd LD1510 Datasheet HTML 22Page - LDT Co., Ltd LD1510 Datasheet HTML 23Page - LDT Co., Ltd LD1510 Datasheet HTML 24Page - LDT Co., Ltd LD1510 Datasheet HTML 25Page - LDT Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Ver3.0
22
LD1510
3Channel Output LED Driver with 12 bit PWM Controller
DI
CLKI
LD1510
ROUT
RREX
VDD
System
Controller
VDD
VLED
GOUT BOUT
VCC
OSC
GREX BREX
GND
C
MOD
DO
CLKO
CASE5 - 12bit Luminance Data and VLED = 7 ~ 18V
DI
CLKI
LD1510
ROUT
RREX
VDD
GOUT BOUT
VCC
OSC
GREX BREX
GND
C
MOD
DO
CLKO
DI
CLKI
LD1510
ROUT
RREX
VDD
VDD
VLED
GOUT BOUT
VCC
GREXBREX
GND
MOD
DO
CLKO
CASE6 - 12bit Luminance Data and VLED = 4 ~ 6V
System
Controller
DI
CLKI
LD1510
ROUT
RREX
VDD
GOUT BOUT
VCC
GREXBREX
GND
MOD
DO
CLKO
OSC
OSC


Similar Part No. - LD1510

ManufacturerPart #DatasheetDescription
logo
LDT Co., Ltd
LD1512 LDT-LD1512 Datasheet
1Mb / 39P
   12 Channel Output LED Driver
More results

Similar Description - LD1510

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL70D0948 SLS-SL70D0948 Datasheet
149Kb / 17P
   48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
logo
LDT Co., Ltd
LD1048C LDT-LD1048C Datasheet
450Kb / 28P
   10 bit PWM Controller 48Channel Output LED Driver
logo
Texas Instruments
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
HPA01054DAPR TI1-HPA01054DAPR Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947 TI1-TLC5947_17 Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
TLC5947DAPG4 TI-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947 TI-TLC5947_1 Datasheet
1Mb / 27P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947DAPG4 TI1-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com