Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO106 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO106
Description  SIGNAL ISOLATION BUFFER AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO106 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ISO106 Datasheet HTML 2Page - Burr-Brown (TI) ISO106 Datasheet HTML 3Page - Burr-Brown (TI) ISO106 Datasheet HTML 4Page - Burr-Brown (TI) ISO106 Datasheet HTML 5Page - Burr-Brown (TI) ISO106 Datasheet HTML 6Page - Burr-Brown (TI) ISO106 Datasheet HTML 7Page - Burr-Brown (TI) ISO106 Datasheet HTML 8Page - Burr-Brown (TI) ISO106 Datasheet HTML 9Page - Burr-Brown (TI) ISO106 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
®
ISO102/106
TYPICAL PERFORMANCE CURVES (CONT)
T
A = +25°C, VCC = ±15VDC unless otherwise noted.
LARGE SIGNAL TRANSIENT RESPONSE
Time (µs)
0
100
200
300
400
15
10
5
0
–5
–10
–15
C = 100pF
C = 200pF
1
2
TOTAL HARMONIC DISTORTION
0
Frequency (Hz)
100
1k
10k
100k
10
1
0.1
0
V = 20Vp-p
O
V = 5Vp-p
O
RECOMMENDED RANGE OF ISOLATION VOLTAGE
Isolation Voltage Frequency (Hz)
1k
10k
100k
1M
10k
1k
100
10
2k
5k
ISO106
ISO102
Nonspecified
Operation
Operational
Region
GAIN/PHASE vs FREQUENCY
0
10
100
1k
10k
100k
Frequency (Hz)
6
0
–6
–12
–18
90
0
–90
–180
–270
No external C
1 , C2
Gain
Phase
OUTPUT SPECTRAL NOISE DENSITY
40
35
30
25
20
15
10
5
0
Reference Signal = 0dBV
0
10
20
30
40
50
Frequency (kHz)
PWR SPEC A: –95.9dBV/ Hz, 31.375kHz
N: 128
: 125Hz
FS: –47dBV
β
GAIN FLATNESS vs FREQUENCY
0
1
2
3
4
5
6
7
8
Frequency (kHz)
Slew Rate Limit
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
V
= 20Vp-p
IN
C = 100pF
C = 200pF
See Figure 4
1
2


Similar Part No. - ISO106

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
ISO100AP BURR-BROWN-ISO100AP Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
ISO100BP BURR-BROWN-ISO100BP Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
ISO100CP BURR-BROWN-ISO100CP Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
ISO103 BURR-BROWN-ISO103 Datasheet
112Kb / 9P
   Low-Cost, Internally Powered ISOLATION AMPLIFIER
More results

Similar Description - ISO106

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790A-500E AVAGO-ACPL-790A-500E Datasheet
198Kb / 15P
   Precision Isolation Amplifiers
ACPL-7900-500E AVAGO-ACPL-7900-500E Datasheet
1Mb / 15P
   Precision Isolation Amplifiers
logo
PHOENIX CONTACT
2864105 PHOENIX-2864105 Datasheet
441Kb / 10P
   NAMUR isolation amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7900-000E AVAGO-ACPL-7900-000E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
ACPL-790B-300E AVAGO-ACPL-790B-300E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
logo
Toshiba Semiconductor
TLP7920 TOSHIBA-TLP7920 Datasheet
231Kb / 11P
   Photocouplers Optically Isolation Amplifiers
TLP7820 TOSHIBA-TLP7820 Datasheet
586Kb / 15P
   Photocouplers Optically Isolation Amplifiers
2020-06-25 Rev.9.0
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com