Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD1071 Datasheet(PDF) 9 Page - LDT Co., Ltd

Part # LD1071
Description  16 Channel Output LED Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1071 Datasheet(HTML) 9 Page - LDT Co., Ltd

Back Button LD1071 Datasheet HTML 5Page - LDT Co., Ltd LD1071 Datasheet HTML 6Page - LDT Co., Ltd LD1071 Datasheet HTML 7Page - LDT Co., Ltd LD1071 Datasheet HTML 8Page - LDT Co., Ltd LD1071 Datasheet HTML 9Page - LDT Co., Ltd LD1071 Datasheet HTML 10Page - LDT Co., Ltd LD1071 Datasheet HTML 11Page - LDT Co., Ltd LD1071 Datasheet HTML 12Page - LDT Co., Ltd LD1071 Datasheet HTML 13Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Ver1.0
9
LD1071
16 Channel Output LED Driver with 14 bit PWM Controller
AC CHARACTERISTIC TEST CIRCUIT
VDD
STROBE
DIN
LD1071
OUT0
OUT15
DOUT
REXT
GND
SW-MATRIX
CLOCK
VDD
GND
CL
VL
RL
CL
PWMCK
PARAMETER
SYMBOL
TEST CONDITION
UNIT
Propagation
Delay Time
(“L” to “H”)
tpLH
ns
MAX.
20
TYP.
10
MIN.
-
VDD = 5.0V
VIH = VDD
VIL = GND
fCK = 10MHz
REXT = 1590Ω
IOUT = 19.1mA
CL = 10.0pF
RL = 150Ω
VL = 4.5V
SWITCHING CHARACTERISTICS
(Ta = 25
O
C unless otherwise noted)
CLOCK-DOUT
50
-
PWMCK-OUTn
-
Propagation
Delay Time
(“H” to “L”)
tpHL
ns
20
10
-
CLOCK-DOUT
30
-
PWMCK-OUTn
-
Maximum CLOCK Frequency
fCKMAX (*1)
MHz
25
10
-
Data Set Up Time
tsetup (D)
ns
-
15
10
Data Hold Time
thold (D)
-
15
10
-
15
10
LH
-
15
HL
10
STROBE
Set Up Time
ns
t STBsetup
-
-
10
LH
-
-
HL
10
STROBE
Hold Time
ns
t STBhold
Maximum Clock Rise Time
tr
30
-
-
ns
Maximum Clock Fall Time
tf
30
-
-
Output Rise Time (OUTn)
t
or
30
-
-
ns
Output Fall Time (OUTn)
t
of
30
-
-
*1 : Cascade
Operation
Maximum PWMCK Frequency
fPWMCKMAX (*1)
MHz
25
8
-
Pulse Width
t
WH0 / tWL0
ns
-
20
15
CLOCK
t
WH1
ns
-
20
15
PWMCK
t
WH2
ns
-
20
15
STROBE
Global Latch Set Up Time
tglc
ns
-
-
20


Similar Part No. - LD1071

ManufacturerPart #DatasheetDescription
logo
LDT Co., Ltd
LD1072 LDT-LD1072 Datasheet
527Kb / 34P
   16-CH LED DRIVER WITH DOT CORRECTION
LD1072SS LDT-LD1072SS Datasheet
527Kb / 34P
   16-CH LED DRIVER WITH DOT CORRECTION
LD1074 LDT-LD1074 Datasheet
1Mb / 32P
   16-Channel Constant Current LED Driver
More results

Similar Description - LD1071

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3693E-16 AMSCO-AS3693E-16 Datasheet
1Mb / 33P
   16 Channel LED driver
logo
Texas Instruments
TLC5940 TI1-TLC5940_15 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel LED Driver
logo
Linear Technology
LT3745 LINER-LT3745 Datasheet
732Kb / 8P
   16-Channel LED Driver
logo
SHENZHEN FUMAN ELECTRON...
FM6153S FUMAN-FM6153S Datasheet
701Kb / 17P
   16-channel PWM constant current output LED driver IC
FM6153Q FUMAN-FM6153Q Datasheet
628Kb / 16P
   16-channel PWM constant current output LED driver IC
FM6253 FUMAN-FM6253 Datasheet
739Kb / 17P
   16-channel EPWM constant current output LED driver IC
FM6153K FUMAN-FM6153K Datasheet
678Kb / 17P
   16-channel PWM constant current output LED driver IC
logo
Toshiba Semiconductor
TC62D748CFNAG TOSHIBA-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TB62747AFG MARKTECH-TB62747AFG Datasheet
317Kb / 20P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com