Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LD1048 Datasheet(PDF) 16 Page - LDT Co., Ltd

Part # LD1048
Description  48 Channel Output LED DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1048 Datasheet(HTML) 16 Page - LDT Co., Ltd

Back Button LD1048 Datasheet HTML 12Page - LDT Co., Ltd LD1048 Datasheet HTML 13Page - LDT Co., Ltd LD1048 Datasheet HTML 14Page - LDT Co., Ltd LD1048 Datasheet HTML 15Page - LDT Co., Ltd LD1048 Datasheet HTML 16Page - LDT Co., Ltd LD1048 Datasheet HTML 17Page - LDT Co., Ltd LD1048 Datasheet HTML 18Page - LDT Co., Ltd LD1048 Datasheet HTML 19Page - LDT Co., Ltd LD1048 Datasheet HTML 20Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
16/26
LD71D1048C
SD-2003A
10 bit PWM controller / 48 Channel Output LED DRIVER
STINB
Data Register DATA (internal)
Data Register(1)
SRAM1[9:0]
SRAM2[9:0]
SRAM3[9:0]
SRAM48[9:0]
SRAM47[9:0]
SRAM46[9:0]
Data Register(2)
Data Register(3)
Data Register(46)
Data Register(47)
Data Register(48)
SRAM Writing (internal)
SRAM[000H]
COUT1[9:0]
COUT2[9:0]
COUT3[9:0]
COUT48[9:0]
COUT47[9:0]
COUT46[9:0]
SRAM[001H]
SRAM[002H]
SRAM[02DH]
SRAM[02EH]
SRAM[02FH]
ADDR[3:0] = 0000H
SRAM WRITE TIMING DIAGRAM
FUNCTIONAL DESCRIPTION (continued)
PWM COUNTER
2
1
1023
1022
1020
3


Similar Part No. - LD1048

ManufacturerPart #DatasheetDescription
LDT Co., Ltd
LDT Co., Ltd
LD1048C LDT-LD1048C Datasheet
450Kb / 28P
   10 bit PWM Controller 48Channel Output LED Driver
More results

Similar Description - LD1048

ManufacturerPart #DatasheetDescription
System Logic Semiconductor
System Logic Semiconduc...
SL70D0948 SLS-SL70D0948 Datasheet
149Kb / 17P
   48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
LDT Co., Ltd
LDT Co., Ltd
LD1071 LDT-LD1071 Datasheet
554Kb / 36P
   16 Channel Output LED Driver
LD1512 LDT-LD1512 Datasheet
1Mb / 39P
   12 Channel Output LED Driver
Texas Instruments
Texas Instruments
TLC59581 TI1-TLC59581 Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
Gamewell-FCI by Honeywell
Gamewell-FCI by Honeywe...
1100-0503 GAMEWELL-FCI-1100-0503 Datasheet
60Kb / 1P
   ANU-48 LED Driver Module
Linear Technology
Linear Technology
LT8500 LINER-LT8500 Datasheet
624Kb / 10P
   48-Channel LED Driver with PWM Generator and Serial Interface
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
   Triple Output LED Driver
Hynix Semiconductor
Hynix Semiconductor
GM6486 HYNIX-GM6486 Datasheet
91Kb / 7P
   33 OUTPUT LED DRIVER
Linear Technology
Linear Technology
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
Maxim Integrated Products
Maxim Integrated Produc...
4206K MAXIM-4206K Datasheet
724Kb / 23P
   17- OUTPUT LED DRIVER/GPO
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com