Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LD1048 Datasheet(PDF) 5 Page - LDT Co., Ltd

Part No. LD1048
Description  48 Channel Output LED DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1048 Datasheet(HTML) 5 Page - LDT Co., Ltd

  LD1048 Datasheet HTML 1Page - LDT Co., Ltd LD1048 Datasheet HTML 2Page - LDT Co., Ltd LD1048 Datasheet HTML 3Page - LDT Co., Ltd LD1048 Datasheet HTML 4Page - LDT Co., Ltd LD1048 Datasheet HTML 5Page - LDT Co., Ltd LD1048 Datasheet HTML 6Page - LDT Co., Ltd LD1048 Datasheet HTML 7Page - LDT Co., Ltd LD1048 Datasheet HTML 8Page - LDT Co., Ltd LD1048 Datasheet HTML 9Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5/26
LD71D1048C
SD-2003A
10 bit PWM controller / 48 Channel Output LED DRIVER
PIN NAME
DESCRIPTION
VDD
5V Power supply terminal.
GND
GND terminals for LED Drivers and control logic.
All GND terminals must be connected to GND level.
Do not leave any GND terminal to NC.
DIN0 ~ DIN9
Data input terminals for 10Bit R, G, B data.
Shift register accepts R, G, B data from these terminals.
(at rising edge of SCKIN)
DOUT0 ~ DOUT9
Output terminals of shift register output data for next
DIN9 ~ DIN0 terminals.
RESETB
Reset input terminal (Low active).
This Pin reset all register except RAM Area.
SCKIN
Shift register clock input terminal.
STINB
Strobe signal input terminal. At falling edge of strobe signal,
48 channels of 10 bit data registers copy R, G, B data from
shift register.
STENB
STINB enable signal input terminal (Low active).
SCKEN
SCKIN enable signal input terminal (High active).
OEB_R
OEB_G
OEB_B
Output enable signal input terminal.
The device outputs data when OEB = “L”. When OEB = “H”
all R, G, B output terminals hold high-impedance state.
OEB_R, OEB_G, OEB_B work indepantant respectively.
R pin : COUT1,4,7,10,13,16,19,22,25,28,31,34,37,40,43,46
G pin : COUT2,5,8,11,14,17,20,23,26,29,32,35,38,41,44,47
B pin : COUT3,6,9,12,15,18,21,24,27,30,33,36,39,42,45,48
OSC2
PWM generator reference clock output terminal.
PIN No.
(MQFP)
56, 121
8,7, 6, 5,
4, 3, 2,1
128,127
25,26,27,28
29,30,31,32,
33,34
99
126
125
97
98
35, 36, 37
38
OSC1
PWM generator reference clock input terminal.
39
SCKOUT
Shift register clock out terminal.
24
STOUT
Strobe signal output terminal.
100
PIN DESCRIPTION
11, 16, 21, 40,
43, 48, 53, 73,
76,81, 86,
108, 113, 118


Similar Part No. - LD1048

ManufacturerPart No.DatasheetDescription
LDT Co., Ltd
LDT Co., Ltd
LD1048C LDT-LD1048C Datasheet
450Kb / 28P
   10 bit PWM Controller 48Channel Output LED Driver
More results

Similar Description - LD1048

ManufacturerPart No.DatasheetDescription
System Logic Semiconductor
System Logic Semiconduc...
SL70D0948 SLS-SL70D0948 Datasheet
149Kb / 17P
   48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
LDT Co., Ltd
LDT Co., Ltd
LD1071 LDT-LD1071 Datasheet
554Kb / 36P
   16 Channel Output LED Driver
LD1512 LDT-LD1512 Datasheet
1Mb / 39P
   12 Channel Output LED Driver
Texas Instruments
Texas Instruments
TLC59581 TI1-TLC59581 Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
Gamewell-FCI by Honeywell
Gamewell-FCI by Honeywe...
1100-0503 GAMEWELL-FCI-1100-0503 Datasheet
60Kb / 1P
   ANU-48 LED Driver Module
Linear Technology
Linear Technology
LT8500 LINER-LT8500 Datasheet
624Kb / 10P
   48-Channel LED Driver with PWM Generator and Serial Interface
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
   Triple Output LED Driver
Hynix Semiconductor
Hynix Semiconductor
GM6486 HYNIX-GM6486 Datasheet
91Kb / 7P
   33 OUTPUT LED DRIVER
Linear Technology
Linear Technology
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
Maxim Integrated Products
Maxim Integrated Produc...
4206K MAXIM-4206K Datasheet
724Kb / 23P
   17- OUTPUT LED DRIVER/GPO
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz