Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD1016 Datasheet(PDF) 10 Page - LDT Co., Ltd

Part # LD1016
Description  16-CHANNEL CONSTANT Current LED Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1016 Datasheet(HTML) 10 Page - LDT Co., Ltd

Back Button LD1016 Datasheet HTML 6Page - LDT Co., Ltd LD1016 Datasheet HTML 7Page - LDT Co., Ltd LD1016 Datasheet HTML 8Page - LDT Co., Ltd LD1016 Datasheet HTML 9Page - LDT Co., Ltd LD1016 Datasheet HTML 10Page - LDT Co., Ltd LD1016 Datasheet HTML 11Page - LDT Co., Ltd LD1016 Datasheet HTML 12Page - LDT Co., Ltd LD1016 Datasheet HTML 13Page - LDT Co., Ltd LD1016 Datasheet HTML 14Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Ver1.0
10
LD1016
16 CHANNEL CONSTANT CURRENT LED DRIVERS
H
L
H
L
H
L
CLK
DIN
on
off
50%
50%
tsetup
STROBE
IOUT[0:15]
tpHL
tpLH
50%
50%
50%
50%
H
L
on
off
OE
IOUT[0:15]
CLK to D
OUT, IOUT[0:15]
H
L
H
on
L
off
CLK
DIN
DOUT
IOUT[0:15]
tpHL
tw
tsetup
tHold
tor
tof
tpLH
90%
50%
10%
90%
50%
10%
90%
50%
10%
90%
50%
10%
50%
50%
50%
H
L
TIMING WAVEFORM
CLK to STROBE
OE to I
OUT[0:15]


Similar Part No. - LD1016

ManufacturerPart #DatasheetDescription
logo
LDT Co., Ltd
LD1016H LDT-LD1016H Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
LD1016H-SP LDT-LD1016H-SP Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
LD1016H-SS LDT-LD1016H-SS Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
More results

Similar Description - LD1016

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926 Datasheet
921Kb / 29P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1_16 Datasheet
1Mb / 36P
[Old version datasheet]   TLC592x-Q1 16-Channel Constant-Current LED Sink Drivers
logo
Silicon Touch Technolog...
DD231 SITI-DD231 Datasheet
125Kb / 7P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS
logo
List of Unclassifed Man...
TRC-152Q070ST ETC2-TRC-152Q070ST Datasheet
930Kb / 4P
   Four Channel Constant Current LED Drivers
logo
Silicon Touch Technolog...
DD233 SITI-DD233 Datasheet
145Kb / 10P
   4-CHANNEL CONSTANT CURRENT LED DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com