Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD1016 Datasheet(PDF) 9 Page - LDT Co., Ltd

Part # LD1016
Description  16-CHANNEL CONSTANT Current LED Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1016 Datasheet(HTML) 9 Page - LDT Co., Ltd

Back Button LD1016 Datasheet HTML 5Page - LDT Co., Ltd LD1016 Datasheet HTML 6Page - LDT Co., Ltd LD1016 Datasheet HTML 7Page - LDT Co., Ltd LD1016 Datasheet HTML 8Page - LDT Co., Ltd LD1016 Datasheet HTML 9Page - LDT Co., Ltd LD1016 Datasheet HTML 10Page - LDT Co., Ltd LD1016 Datasheet HTML 11Page - LDT Co., Ltd LD1016 Datasheet HTML 12Page - LDT Co., Ltd LD1016 Datasheet HTML 13Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Ver1.0
9
LD1016
16 CHANNEL CONSTANT CURRENT LED DRIVERS
CHARACTERISRIC
SYMBOL
TEST CONDITION
UNIT
Propagation
Delay Time
(“L” to “H”)
tPLH
ns
MAX.
70
TYP.
30
MIN.
-
VDD = 5.0V
VOUT = 1.0V
VIH = V
DD
VIL = GND
fCK = 10MHz
REXT = 10 kW
IOUT = 40mA
VL = 3.0V
CL = 10.0pF
RL = 65W
TEST
CIR-
CUIT
-
CLK-D
OUT
1500
600
CK-OUTn
1500
600
STROBE-
OUTn
1500
600
OE-OUTn
-
-
-
Propagation
Delay Time
(“H” to “L”)
tPHL
ns
70
30
-
-
CK-D
OUT
1000
350
CK-OUTn
1000
350
STROBE-
OUTn
1000
350
OE-OUTn
-
-
-
Max. Clock Frequency
fCKMAX (*1)
MHz
25
10
-
-
50
20
-
CLK
40
10
STROBE
-
Propagation
Delay Time
(“H” to “L”)
ns
tWCK
-
tW STB
-
Data Set Up Time
tsetup (D)
ns
30
10
-
-
Data Hold Time
thold (D)
30
10
-
-
20
10
-
LH
20
0
HL
-
STROBE
Setup Time
ns
t STB setup
-
20
10
-
LH
20
0
HL
-
STROBE
Hold Time
ns
t STB hold
-
Max. Clock Rise Time
tr
10
-
-
-
ns
Max. Clock Fall Time
tf
10
-
-
Min. Output Rise Time
t
or
1000
300
-
-
ns
Min. Output Rise Time
t
of
600
150
-
AC CHARACTERISTICS
※NOTE: . *1 : Cascade Operation
Ta = 25C
SW-MATRIX
VIH
VIL
CL
VL
RL
CL
VDD
LD1016
IOUT0
IOUT15
DOUT
REXT
GND
OE
STROBE
DIN
Test Circuit for AC Characteristics


Similar Part No. - LD1016

ManufacturerPart #DatasheetDescription
logo
LDT Co., Ltd
LD1016H LDT-LD1016H Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
LD1016H-SP LDT-LD1016H-SP Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
LD1016H-SS LDT-LD1016H-SS Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
More results

Similar Description - LD1016

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926 Datasheet
921Kb / 29P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1_16 Datasheet
1Mb / 36P
[Old version datasheet]   TLC592x-Q1 16-Channel Constant-Current LED Sink Drivers
logo
Silicon Touch Technolog...
DD231 SITI-DD231 Datasheet
125Kb / 7P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS
logo
List of Unclassifed Man...
TRC-152Q070ST ETC2-TRC-152Q070ST Datasheet
930Kb / 4P
   Four Channel Constant Current LED Drivers
logo
Silicon Touch Technolog...
DD233 SITI-DD233 Datasheet
145Kb / 10P
   4-CHANNEL CONSTANT CURRENT LED DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com