Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA2132 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA2132
Description  Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA2132 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button INA2132 Datasheet HTML 2Page - Burr-Brown (TI) INA2132 Datasheet HTML 3Page - Burr-Brown (TI) INA2132 Datasheet HTML 4Page - Burr-Brown (TI) INA2132 Datasheet HTML 5Page - Burr-Brown (TI) INA2132 Datasheet HTML 6Page - Burr-Brown (TI) INA2132 Datasheet HTML 7Page - Burr-Brown (TI) INA2132 Datasheet HTML 8Page - Burr-Brown (TI) INA2132 Datasheet HTML 9Page - Burr-Brown (TI) INA2132 Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
®
INA2132
12
13
3
INA2132
A
B
2
V
01
14
10
9
5
6
V
01 – V02 = 2 (V2 – V1)
V
02
8
V
2
V
1
FIGURE 8. Differential Output Difference Amplifier.
FIGURE 10. Precision Instrumentation Amplifier.
12
13
3
INA2132
2
V
01
14
10
9
5
6
V
01 = (V3 – V2) +
8
V
3
V
LS
Level-Shift
Voltage
Reference
V
2
V
LS
2
A
B
FIGURE 9. Precision Level Shifter.
12 (10)
13 (9)
14 (8)
3 (5)
INA2132
2 (6)
V
1
V
O
A
2
A
1
R
2
R
2
R
1
–In
V
2
+In
V
O = (1 + 2R2 /R1) (V2 –V1)
The INA2132 can be combined with op amps to form
a complete instrumentation amplifier with specialized
performance characteristics. Burr-Brown offers many
complete high performance IAs. Products with similar
performances are shown below.
OPA227
Low Noise
INA103
OPA129
Ultra-Low Bias Current (fA)
INA116
OPA2277
Low Offset Drift, Low Noise
INA114, INA128
OPA2130
Low Power, FET-Input (pA)
INA121
OPA2234, OPA2241, OPA2244
Single Supply, Precision, Low Power
INA122, INA118
OPA2237
Single Supply, Low Power, MSOP-8
INA122, INA126
SIMILAR COMPLETE
A
1, A2
FEATURES
BURR-BR0WN IAs


Similar Part No. - INA2132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2132 TI1-INA2132 Datasheet
839Kb / 17P
[Old version datasheet]   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA2132U TI1-INA2132U Datasheet
839Kb / 17P
[Old version datasheet]   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA2132U/2K5 TI1-INA2132U/2K5 Datasheet
839Kb / 17P
[Old version datasheet]   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA2132UA TI1-INA2132UA Datasheet
839Kb / 17P
[Old version datasheet]   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA2132UA/2K5 TI1-INA2132UA/2K5 Datasheet
839Kb / 17P
[Old version datasheet]   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
More results

Similar Description - INA2132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2132 TI1-INA2132 Datasheet
839Kb / 17P
[Old version datasheet]   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U TI1-INA132U Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA132 BURR-BROWN-INA132 Datasheet
180Kb / 9P
   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA132 TI1-INA132 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
   Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
[Old version datasheet]   Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
   3.3V Single Supply Video Difference Amplifier
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
   3.3V Single Supply Video Difference Amplifier
logo
Analog Devices
AD8205 AD-AD8205 Datasheet
308Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com